Electronic Components Datasheet Search
  English  ▼

X  

PI6CDBL401B Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI6CDBL401B
Description  4-Output Low Power PCIE GEN1-2-3 Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CDBL401B Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI6CDBL401B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 13Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 14Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
www.pericom.com
PI6CDBL401B
Rev.C
03/23/16
All trademarks are property of their respective owners.
PI6CDBL401B
4-Output Low Power PCIE GEN1-2-3 Buffer
Driving LVDS inputs with the PI6CDBL401B
Component
Value
Receiver has termination
Receiver does not have termination
R7a, R7b
10K Ω
140 Ω
R8a, R8b
5.6K Ω
75 Ω
Cc
0.1 uF
0.1 uF
Vcm
1.2 volts
1.2 volts
Test Loads
Rs
RO
5 inches
Rs
Zo=100Ω
2pF
2pF
Low-Power HCSL Differential Output Test Load
Device
Driving LVDS
R
Zo
Device
Driving LVDS
Cc
Cc
R7a
R7b
R8a
R8b
3.3V
LVDS Clock
input
Rs
Rs
16-0064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com