Electronic Components Datasheet Search
  English  ▼

X  

PI6CDBL401B Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI6CDBL401B
Description  4-Output Low Power PCIE GEN1-2-3 Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CDBL401B Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PI6CDBL401B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 12Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
www.pericom.com
PI6CDBL401B
Rev.C
03/23/16
All trademarks are property of their respective owners.
PI6CDBL401B
4-Output Low Power PCIE GEN1-2-3 Buffer
Electrical Characteristics–Output Duty Cycle, Jitter, Skew and PLL Characterisitics
(T
A = -40~85
o
C; VDD = 3.3V+/-10%; VDDO = 3.3V+/-10%; VDDO = 2.5V+/-10%; VDDO = 1.8V+/-10%, See Test Loads
for Loading Conditions)
Symbol Parameters
Condition
Min.
Type
Max.
Units
t
DC
Duty Cycle1
Measured differentially, PLL Mode
45
55
%
t
DCD
Duty Cycle Distortion1,3
Measured differentially, Bypass Mode@100MHz -1
0
1
%
t
pdBYP
Skew, Input to Output1,4
Bypass Mode, VT = 50%
2500
4500
ps
t
pdPLL
PLL Mode VT = 50%
-250
250
ps
t
skew
Skew, Output to Output1,2
VT = 50%
25
50
ps
t
jcyc-cyc
Jitter, Cycle to cycle1,2
PLL mode @100MHz output
50
ps
Additive Jitter in Bypass Mode @100MHz
output
0.1
25
ps
Note:
1. Guaranteed by design and characterization, not 100% tested in production.
2. Measured from differential waveform
3. Duty cycle distortion is the difference in duty cycle between the output and the input clock when the device is operated in bypass mode.
4. All outputs at default slew rate
5. The MIN/TYP/MAX values of each BW setting track each other, i.e., Low BW MAX will never occur with Hi BW MIN.
Electrical Characteristics–Current Consumption (T
A = -40~85
o
C; See Test Loads for Loading Conditions)
Symbol Parameters
Condition
Min.
Type
Max.
Units
I
DDAOP
Operating Supply Current1
VDDA+VDDR, PLL Mode, @100MHz, typical
value under VDDO = 1.8V
37
45
mA
I
DDOP
VDD1.8, All outputs active @100MHz, typical
value under VDDO = 1.8V
52
60
mA
I
DDAPD
Powerdown Current1,2
VDDA+VDDR, PLL Mode, @100MHz
1
mA
I
DDPD
VDD1.8, Outputs Low
1.8
mA
Note:
1. Guaranteed by design and characterization, not 100% tested in production.
2. Input clock stopped.
16-0064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com