Electronic Components Datasheet Search
  English  ▼

X  

PI6CDBL401B Datasheet(PDF) 12 Page - Pericom Semiconductor Corporation

Part # PI6CDBL401B
Description  4-Output Low Power PCIE GEN1-2-3 Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CDBL401B Datasheet(HTML) 12 Page - Pericom Semiconductor Corporation

Back Button PI6CDBL401B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 13Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 14Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 15Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 16Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
www.pericom.com
PI6CDBL401B
Rev.C
03/23/16
All trademarks are property of their respective owners.
PI6CDBL401B
4-Output Low Power PCIE GEN1-2-3 Buffer
SMBus Table: Output Enable Register 1
Byte 0 Name
Control Function
Type
0
1
Default
7
Reserved
1
6
OE3
Output Enable
RW
Low
Enabled
1
5
OE2
Output Enable
RW
Low
Enabled
1
4
Reserved
1
3
OE1
Output Enable
RW
Low
Enabled
1
2
Reserved
1
1
OE0
Output Enable
RW
Low
Enabled
1
0
Reserved
1
1. A low on these bits will overide the OE# pin and force the differential output Low.
SMBus Table: DIF Slew Rate Control Register
Byte 2 Name
Control Function
Type
0
1
Default
7
Reserved
1
6
SLEWRATE-
SEL DIF3
Slew Rate Selection
RW
2 V/ns
3 V/ns
1
5
SLEWRATE-
SEL DIF2
Slew Rate Selection
RW
2 V/ns
3 V/ns
1
4
Reserved
1
3
SLEWRATE-
SEL DIF1
Slew Rate Selection
RW
2 V/ns
3 V/ns
1
2
Reserved
1
SMBus Table: PLL Operating Mode and Output Amplitude Control Register
Byte 1 Name
Control Function
Type
0
1
Default
7
PLL-
MODERB1
PLL Mode Readback Bit 1
R
See PLL Operating Mode Table
Latch
6
PLL-
MODERB0
PLL Mode Readback Bit 0
R
Latch
5
PLLMODE_
SWCNTRL
Enable SW control of PLL Mode
RW
Values in
B1[7:6]
set PLL Mode
Values in B1[4:3]
set PLL Mode
0
4
PLLMODE1
PLL Mode Control Bit 1
RW1
See PLL Operating Mode Table
0
3
PLLMODE0
PLL Mode Control Bit 0
RW1
0
2
Reserved
1
1
AMPLITUDE
1
Controls Output Amplitude
RW
00 = 0.6V
01 = 0.7V
1
0
AMPLITUDE
0
RW
10= 0.8V
11 = 0.9V
0
1. B1[5] must be set to a 1 for these bits to have any effect on the part.
16-0064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com