Electronic Components Datasheet Search
  English  ▼

X  

PI6CDBL401B Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PI6CDBL401B
Description  4-Output Low Power PCIE GEN1-2-3 Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CDBL401B Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PI6CDBL401B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 13Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 14Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 15Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
www.pericom.com
PI6CDBL401B
Rev.C
03/23/16
All trademarks are property of their respective owners.
PI6CDBL401B
4-Output Low Power PCIE GEN1-2-3 Buffer
Serial Data Interface (SMBus)
This part is a slave only device that supports blocks read and block write protocol using a single 7-bit address and read/write bit as
shown below.
Read and write block transfers can be stopped after any complete byte transfer by issuing STOP.
Address Assignment
Refer to SMBus Address Selection Table.
Data Protocol
(Write)
1 bit
8 bits
1
8 bits
1
8 bits
1
8 bits
1
8 bits
1
1 bit
Start bit
Slave
Addr: D4
Ack
Register
offset
Ack
Byte
Count=N
Ack
Data
Byte 0
Ack
…
Data
Byte N-1
Ack
Stop bit
(Read)
1 bit
8 bits
1
8 bits
1
1
8 bits
1
8 bits
1
8 bits
1
8 bits
1
1 bit
Start bit
Slave
Addr: D4 Ack
Register
offset Ack
Repeat
start
Slave
Addr: D5 Ack
Byte
Count=N Ack
Data
Byte 0 Ack …
Data Byte
N-1
NOT
Ack
Stop
bit
Note:
1. Register offset for indicating the starting register for indexed block write and indexed block read. Byte Count in write mode cannot be 0.
16-0064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com