Electronic Components Datasheet Search
  English  ▼

X  

ADC0833 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0833
Description  8-Bit Serial I/O A/D Converter with 4-Channel Multiplexer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0833 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC0833 Datasheet HTML 1Page - National Semiconductor (TI) ADC0833 Datasheet HTML 2Page - National Semiconductor (TI) ADC0833 Datasheet HTML 3Page - National Semiconductor (TI) ADC0833 Datasheet HTML 4Page - National Semiconductor (TI) ADC0833 Datasheet HTML 5Page - National Semiconductor (TI) ADC0833 Datasheet HTML 6Page - National Semiconductor (TI) ADC0833 Datasheet HTML 7Page - National Semiconductor (TI) ADC0833 Datasheet HTML 8Page - National Semiconductor (TI) ADC0833 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Electrical Characteristics The following specifications apply for VCC e Va e 5V fCLK e 250 kHz and
VREF 2 s (VCC a 01V) unless otherwise specified Boldface limits apply from tMIN to tMAX all other limits TA e Tj e 25 C
(Continued)
Typ
Tested
Design
Parameter
Conditions
(Note 6)
Limit
Limit
Units
(Note 7)
(Note 8)
CONVERTER AND MULTIPLEXER CHARACTERISTICS
(Continued)
VZ Minimum Internal
15mA Into Va
Diode Breakdown
(At Va) (Note 3)
ADC0833CCJ
63
V
ADC0833BCNCCN
63
63
V
VZ Maximum Internal
15mA Into Va
Diode Breakdown
(At Va) (Note 3)
ADC0833CCJ
85
V
ADC0833BCNCCN
85
85
V
Power Supply Sensitivity
VCCe5Vg5%
ADC0833CCJ
g
g
LSB
ADC0833BCNCCN
g
g
g
LSB
IOFF Off Channel Leakage
On Channele5V Off Channele0V
Current (Note 11)
ADC0833CCJ
b
1
m
A
b
200
nA
ADC0833BCNCCN
b
1
m
A
b
200
nA
On Channele0V Off Channele5V
ADC0833CCJ
1
m
A
200
nA
ADC0833BCNCCN
1
m
A
200
nA
ION On Channel Leakage
On Channele5V Off Channele0V
Current (Note 11)
ADC083CCJ
1
m
A
200
nA
ADC0833BCNCCN
1
m
A
200
nA
On Channele0V Off Channele5V
ADC083CCJ
b
1
m
A
b
200
nA
ADC0833BCNCCN
b
1
m
A
b
200
nA
DIGITAL AND DC CHARACTERISTICS
VIN(1) Logical ‘‘1’’ Input
VCCe525V
Voltage
ADC0833CCJ
20
V
ADC0833BCNCCN
20
20
V
VIN(0) Logical ‘‘0’’ Input
VCCe475V
Voltage
ADC0833CCJ
08
V
ADC0833BCNCCN
08
08
V
IIN(1) Logical ‘‘1’’ Input
VINeVCC
Current
ADC0833CCJ
0005
1
m
A
ADC0833BCNCCN
0005
1
1
m
A
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com