Electronic Components Datasheet Search
  English  ▼

X  

ADC0833 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0833
Description  8-Bit Serial I/O A/D Converter with 4-Channel Multiplexer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0833 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button ADC0833 Datasheet HTML 8Page - National Semiconductor (TI) ADC0833 Datasheet HTML 9Page - National Semiconductor (TI) ADC0833 Datasheet HTML 10Page - National Semiconductor (TI) ADC0833 Datasheet HTML 11Page - National Semiconductor (TI) ADC0833 Datasheet HTML 12Page - National Semiconductor (TI) ADC0833 Datasheet HTML 13Page - National Semiconductor (TI) ADC0833 Datasheet HTML 14Page - National Semiconductor (TI) ADC0833 Datasheet HTML 15Page - National Semiconductor (TI) ADC0833 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Functional Description (Continued)
40 THE ANALOG INPUTS
The most important feature of these converters is that they
can be located right at the analog signal source and through
just a few wires can communicate with a controlling proces-
sor with a highly noise immune serial bit stream This in itself
greatly minimizes circuitry to maintain analog signal accura-
cy which otherwise is most susceptible to noise pickup
However a few words are in order with regard to the analog
inputs should the inputs be noisy to begin with or possibly
riding on a large common-mode voltage
The differential input of these converters actually reduces
the effects of common-mode input noise a signal common
to both selected ‘‘a’’ and ‘‘b’’ inputs for a conversion (60
Hz is most typical) The time interval between sampling the
‘‘a’’ input and then the ‘‘b’’ input is
of a clock period
The change in the common-mode voltage during this short
time interval can cause conversion errors For a sinusoidal
common-mode signal this error is
Verror(max) e VPEAK(2qfCM)
 05
fCLK
J
where fCM is the frequency of the common-mode signal
VPEAK is its peak voltage value
and fCLK is the AD clock frequency
For a 60 Hz common-mode signal to generate a
LSB
error (
5 mV) with the converter running at 250 kHz its
peak value would have to be 663V which would be larger
than allowed as it exceeds the maximum analog input limits
Due to the sampling nature of the analog inputs short spikes
of current enter the ‘‘a’’ input and exit the ‘‘b’’ input at the
clock edges during the actual conversion These currents
decay rapidly and do not cause errors as the internal com-
parator is strobed at the end of a clock period Bypass ca-
pacitors at the inputs will average these currents and cause
an effective DC current to flow through the output resist-
ance of the analog signal source Bypass capacitors should
not be used if the source resistance is greater than 1 kX
This source resistance limitation is important with regard to
the DC leakage currents of input multiplexer as well The
worst-case leakage current of g 1 mA over temperature will
createa1mV inut error witha1kX source resistance An
op amp RC active low pass filter can provide both imped-
ance buffering and noise filtering should a high impedance
signal source be required
50 OPTIONAL ADJUSTMENTS
51 Zero Error
The zero of the AD does not require adjustment If the
minimum analog input voltage value VIN(MIN) is not ground
a zero offset can be done The converter can be made to
output 0000 0000 digital code for this minimum input voltage
by biasing any VIN (b) input at this VIN(MIN) value This
utilizes the differential mode operation of the AD
The zero error of the AD converter relates to the location
of the first riser of the transfer function and can be mea-
sured by grounding the VIN(b) input and applying a small
magnitude positive voltage to the VIN(a) input Zero error is
the difference between the actual DC input voltage which
is necessary to just cause an output digital code transition
from 0000 0000 to 0000 0001 and the ideal
LSB value
(
LSBe98 mV for VREF 2e2500 VDC)
52 Full-Scale
The full-scale adjustment can be made by applying a differ-
ential input voltage which is 1
LSB down from the desired
analog full-scale voltage range and then adjusting the mag-
nitude of the VREF input or VCC for a digital output code
which is just changing from 1111 1110 to 1111 1111
53 Adjusting for an Arbitrary Analog Input Voltage
Range
If the analog zero voltage of the AD is shifted away from
ground (for example to accommodate an analog input sig-
nal which does not go to ground) this new zero reference
should be properly adjusted first A VIN(a) voltage which
equals this desired zero reference plus
LSB (where the
LSB is calculated for the desired analog span
using
1 LSBeanalog span256) is applied to selected ‘‘a’’ input
and the zero reference voltage at the corresponding ‘‘b’’
input should then be adjusted to just obtain the 00HEX to
01HEX code transition
The full-scale adjustment should be made with the proper
VIn(b) voltage applied by forcing a voltage to the VIN(a)
input which is given by
VIN (a)fsadj e VMAX b 15
(VMAX b VMIN)
256
(
where
VMAXe the high end of the analog input range
and
VMINe the low end (the offset zero) of the analog
range
(Both are ground referenced)
The VREF 2 voltage is then adjusted to provide a code
change from FEHEX to FFHEX This completes the adjust-
ment procedure
60 POWER SUPPLY
A unique feature of the ADC0833 is the inclusion of a 7V
zener diode connected from the Va terminal to ground
which also connects to the VCC terminal (which is the actual
converter supply) through a silicon diode as shown in
Fig-
ure 3
TLH5607 – 8
FIGURE 3 An On-Chip Shunt Regulator Diode
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com