Electronic Components Datasheet Search
  English  ▼

X  

ADC0833 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0833
Description  8-Bit Serial I/O A/D Converter with 4-Channel Multiplexer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0833 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button ADC0833 Datasheet HTML 5Page - National Semiconductor (TI) ADC0833 Datasheet HTML 6Page - National Semiconductor (TI) ADC0833 Datasheet HTML 7Page - National Semiconductor (TI) ADC0833 Datasheet HTML 8Page - National Semiconductor (TI) ADC0833 Datasheet HTML 9Page - National Semiconductor (TI) ADC0833 Datasheet HTML 10Page - National Semiconductor (TI) ADC0833 Datasheet HTML 11Page - National Semiconductor (TI) ADC0833 Datasheet HTML 12Page - National Semiconductor (TI) ADC0833 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Timing Diagram
TLH5607 – 5
Functional Description
10 MULTIPLEXER ADDRESSING
The design of the ADC0833 utilizes a sample-data compar-
ator structure which provides for a differential analog input
to be converted by a successive approximation routine
The actual voltage converted is always the difference be-
tween an assigned ‘‘a’’ input terminal and a ‘‘b’’ input ter-
minal The polarity of each input terminal of the pair being
converted indicates which line the converter expects to be
the most positive If the assigned ‘‘a’’ input is less than the
‘‘b’’ input the converter responds with an all zeros output
code
A unique input multiplexing scheme has been utilized to pro-
vide multiple analog channels with software-configurable
single-ended (ground referred) or differential inputs The an-
alog signal conditioning required in transducer-based data
acquisition systems is significantly simplified with this type
of input flexibility One converter package can now handle
ground referenced inputs and true differential inputs
A particular input configuration is assigned during the MUX
addressing sequence prior to the start of a conversion The
MUX address selects which of the analog inputs are to be
enabled and whether this input is single-ended or differen-
tial In the differential case it also assigns the polarity of the
channels Differential inputs are restricted to adjacent chan-
nel pairs For example channel 0 and channel 1 may be
selected as a differential pair Channel 0 or 1 cannot act
differentially with any other channel In addition to selecting
differential mode the sign may also be selected Channel 0
may be selected as the positive input and channel 1 as the
negative input or vice versa This programmability is best
illustrated by the MUX addressing codes shown in the fol-
lowing table The MUX address is shifted into the converter
through the DI line
TABLE I MUX Addressing
Single-Ended MUX Mode
Address
Channel
SGL
ODD
SELECT
0123
DIF
SIGN
10
10
0
1
a
10
1
1
a
11
0
1
a
11
1
1
a
COM is internally ties to a GND
Differential MUX Mode
Address
Channel
SGL
ODD
SELECT
0123
DIF
SIGN
10
00
0
1
ab
00
1
1
ab
01
0
1
ba
01
1
1
ba
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com