Electronic Components Datasheet Search
  English  ▼

X  

ADC0833 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0833
Description  8-Bit Serial I/O A/D Converter with 4-Channel Multiplexer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0833 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  ADC0833 Datasheet HTML 1Page - National Semiconductor (TI) ADC0833 Datasheet HTML 2Page - National Semiconductor (TI) ADC0833 Datasheet HTML 3Page - National Semiconductor (TI) ADC0833 Datasheet HTML 4Page - National Semiconductor (TI) ADC0833 Datasheet HTML 5Page - National Semiconductor (TI) ADC0833 Datasheet HTML 6Page - National Semiconductor (TI) ADC0833 Datasheet HTML 7Page - National Semiconductor (TI) ADC0833 Datasheet HTML 8Page - National Semiconductor (TI) ADC0833 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Electrical Characteristics The following specifications apply for VCC e Va e 5V fCLK e 250 kHz and
VREF 2 s (VCC a 01V) unless otherwise specified Boldface limits apply from tMIN to tMAX all other limits TA e Tj e 25 C
(Continued)
Typ
Tested
Design
Parameter
Conditions
(Note 6)
Limit
Limit
Units
(Note 7)
(Note 8)
DIGITAL AND DC CHARACTERISTICS
(Continued)
IIN(0) Logical ‘‘0’’ Input
VINe0V
Current
ADC0833CCJ
b
0005
b
1
m
A
ADC0833BCNCCN
b
0005
b
1
b
1
m
A
VOUT(1) Logical ‘‘1’’ Output
VCCe475V
Voltage
ADC0833CCJ
IOUTeb360mA
24
V
ADC0833BCNCCN
24
24
V
ADC0833CCJ
IOUTeb10mA
45
V
ADC0833BCNCCN
45
45
V
VOUT(0) Logical ‘‘0’’ Output
IOUTe16mA VCCe475V
Voltage
ADC0833CCJ
04
V
ADC0833BCNCCN
04
04
V
IOUT TRI-STATE Output
Current (DO SARS)
ADC0833CCJ
VOUTe04V
b
01
b
3
m
A
ADC0833BCNCCN
b
01
b
3
b
3
m
A
ADC0833CCJ
VOUTe5V
01
3
m
A
ADC0833BCNCCN
01
3
3
m
A
ISOURCE
VOUT Short to GND
ADC0833CCJ
b
14
b
65
mA
ADC0833BCNCCN
b
14
b
75
b
65
mA
ISINK
VOUT Short to VCC
ADC0833CCJ
16
80
mA
ADC0833BCNCCN
16
90
80
mA
ICC Supply Current (Note 3)
VREF 2 Open Circuit
ADC0833CCJ
09
45
mA
ADC0833BCNCCN
09
45
45
mA
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com