Electronic Components Datasheet Search
  English  ▼

X  

ADC0833 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0833
Description  8-Bit Serial I/O A/D Converter with 4-Channel Multiplexer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0833 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button ADC0833 Datasheet HTML 6Page - National Semiconductor (TI) ADC0833 Datasheet HTML 7Page - National Semiconductor (TI) ADC0833 Datasheet HTML 8Page - National Semiconductor (TI) ADC0833 Datasheet HTML 9Page - National Semiconductor (TI) ADC0833 Datasheet HTML 10Page - National Semiconductor (TI) ADC0833 Datasheet HTML 11Page - National Semiconductor (TI) ADC0833 Datasheet HTML 12Page - National Semiconductor (TI) ADC0833 Datasheet HTML 13Page - National Semiconductor (TI) ADC0833 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Functional Description (Continued)
Since the input configuration is under software control it
can be modified as required at each conversion A channel
can be treated as a single-ended ground referenced input
for one conversion then it can be reconfigured as part of a
differential channel for another conversion
Figure 1 illus-
trates the input flexibility which can be achieved
The analog input voltages for each channel can range from
50 mV below ground to 50mV above VCC(typically 5V) with-
out degrading conversion accuracy
20 THE DIGITAL INTERFACE
A most important characteristic of these converters is their
serial data link with the controlling processor Using a serial
communication format offers two very significant system im-
provements it allows more function to be included in the
converter package with no increase in package size and it
can eliminate the transmission of low level analog signals by
locating the converter right at the analog sensor transmit-
ting highly noise immune digital data back to the host proc-
essor
To understand the operation of these converters it is best to
refer to the Timing Diagram and Functional Block Diagram
and to follow a complete conversion sequence
1 A conversion is initiated by first pulling the CS (chip se-
lect) line low This line must be held low for the entire con-
version The converter is now waiting for a start bit and its
MUX assignment word
2 A clock is then generated by the processor (if not provid-
ed continuously) and output to the AD clock input
3 On each rising edge of the clock the status of the data in
(DI) line is clocked into the MUX address shift register The
start bit is the first logic ‘‘1’’ that appears on this line (all
leading zeros are ignored) Following the start bit the con-
verter expects the next 4 bits to be the MUX assignment
word
4 Single-Ended
2 Differential
Mixed Mode
TLH5607 – 6
FIGURE 1 Analog Input Multiplexer Options for the ADC0833
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com