Electronic Components Datasheet Search
  English  ▼

X  

ADC08351 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC08351
Description  8-Bit, 42 MSPS, 40 mW A/D Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08351 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC08351 Datasheet HTML 1Page - National Semiconductor (TI) ADC08351 Datasheet HTML 2Page - National Semiconductor (TI) ADC08351 Datasheet HTML 3Page - National Semiconductor (TI) ADC08351 Datasheet HTML 4Page - National Semiconductor (TI) ADC08351 Datasheet HTML 5Page - National Semiconductor (TI) ADC08351 Datasheet HTML 6Page - National Semiconductor (TI) ADC08351 Datasheet HTML 7Page - National Semiconductor (TI) ADC08351 Datasheet HTML 8Page - National Semiconductor (TI) ADC08351 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Pin Descriptions and Equivalent Circuits (Continued)
Pin
No.
Symbol
Equivalent Circuit
Description
11, 13
V
D
Positive digital supply pin. Connect to a clean, quiet
voltage source of +3V. V
A and VD should have a
common supply and be separately bypassed with a
10 µF tantalum or aluminum electrolytic capacitor
and a 0.1 µF ceramic chip capacitor. See Section
3.0 for more information.
2, 20
DGND
The ground return for the digital supply. AGND and
DGND should be connected together close to the
ADC08351.
16
V
A
Positive analog supply pin. Connected to a clean,
quiet voltage source of +3V. V
A and VD should have
a common supply and be separately bypassed with
a 10 µF tantalum or aluminum electrolytic capacitor
and a 0.1 µF ceramic chip capacitor. See Section
3.0 for more information.
18, 19
AGND
The ground return for the analog supply. AGND and
DGND should be connected together close to the
ADC08351 package.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com