Electronic Components Datasheet Search
  English  ▼

X  

ADC08351 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC08351
Description  8-Bit, 42 MSPS, 40 mW A/D Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08351 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button ADC08351 Datasheet HTML 2Page - National Semiconductor (TI) ADC08351 Datasheet HTML 3Page - National Semiconductor (TI) ADC08351 Datasheet HTML 4Page - National Semiconductor (TI) ADC08351 Datasheet HTML 5Page - National Semiconductor (TI) ADC08351 Datasheet HTML 6Page - National Semiconductor (TI) ADC08351 Datasheet HTML 7Page - National Semiconductor (TI) ADC08351 Datasheet HTML 8Page - National Semiconductor (TI) ADC08351 Datasheet HTML 9Page - National Semiconductor (TI) ADC08351 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Converter Electrical Characteristics (Continued)
Note 8: To guarantee accuracy, it is required that VA and VD be well bypassed. Each VA and VD pin must be decoupled with separate bypass capacitors.
Note 9: Typical figures are at TJ = 25˚C, and represent most likely parametric norms. Test limits are guaranteed to National’s AOQL (Average Outgoing Quality
Level).
Typical Performance Characteristics V
A =VD =VD I/O=3V, fCLK = 42 MHz, unless otherwise
specified
DS100895-6
DNL @ 42 MSPS
DS100895-7
DNL vs Sample Rate
DS100895-8
DNL vs V
A
DS100895-9
DNL vs Temperature
DS100895-10
INL @ 42 MSPS
DS100895-11
INL vs Sample Rate
DS100895-12
INL vs V
A
DS100895-13
INL vs Temperature
DS100895-14
SINAD and ENOB vs f
IN
DS100895-15
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com