Electronic Components Datasheet Search
  English  ▼

X  

ADC08351 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC08351
Description  8-Bit, 42 MSPS, 40 mW A/D Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08351 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button ADC08351 Datasheet HTML 4Page - National Semiconductor (TI) ADC08351 Datasheet HTML 5Page - National Semiconductor (TI) ADC08351 Datasheet HTML 6Page - National Semiconductor (TI) ADC08351 Datasheet HTML 7Page - National Semiconductor (TI) ADC08351 Datasheet HTML 8Page - National Semiconductor (TI) ADC08351 Datasheet HTML 9Page - National Semiconductor (TI) ADC08351 Datasheet HTML 10Page - National Semiconductor (TI) ADC08351 Datasheet HTML 11Page - National Semiconductor (TI) ADC08351 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Specification Definitions (Continued)
FULL SCALE OFFSET ERROR is the difference between
the analog input voltage that just causes the output code to
transition to the full scale code (all 1’s in the case of the
ADC08351) and the ideal value of 11⁄2 LSB below the value
of V
REF.
INTEGRAL NON-LINEARITY (INL) is a measure of the de-
viation of each individual code from a line drawn from zero
scale (1⁄2 LSB below the first code transition) through positive
full scale (1⁄2 LSB above the last code transition). The devia-
tion of any given code from this straight line is measured
from the center of that code value. The end point test method
is used.
OUTPUT DELAY is the time delay after the rising edge of
the input clock before the data update is present at the out-
put pins.
OUTPUT HOLD TIME is the length of time that the output
data is valid after the rise of the input clock.
PIPELINE DELAY (LATENCY) is the number of clock cycles
between initiation of conversion and the availability of that
conversion result at the output. New data is available at ev-
ery clock cycle, but the data lags the conversion by the pipe-
line delay.
SAMPLING (APERTURE) DELAY is that time required after
the fall of the clock input for the sampling switch to open. The
sample is effectively taken this amount of time after the fall of
the clock input.
SIGNAL TO NOISE RATIO (SNR) is the ratio of the rms
value of the input signal to the rms value of the other spectral
components below one-half the sampling frequency, not in-
cluding harmonics or dc.
SIGNAL TO NOISE PLUS DISTORTION (S/(N+D) or
SINAD) is the ratio of the rms value of the input signal to the
rms value of all of the other spectral components below half
the clock frequency, including harmonics but excluding dc.
SPURIOUS FREE DYNAMIC RANGE (SFDR) is the differ-
ence, expressed in dB, between the rms values of the input
signal and the peak spurious signal, where a spurious signal
is any signal present in the output spectrum that is not
present at the input.
TOTAL HARMONIC DISTORTION (THD) is the ratio of the
rms total of the first six harmonic components to the rms
value of the input signal.
ZERO SCALE OFFSET ERROR is the difference between
the analog input voltage that just causes the output code to
transition to the first code and the ideal value of 1⁄2 LSB for
that transition.
Timing Diagram
DS100895-23
FIGURE 1. ADC08351 Timing Diagram
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com