Electronic Components Datasheet Search
  English  ▼

X  

PI6LC4820 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6LC4820
Description  HiFlex Ethernet Network Clock Generator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC4820 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6LC4820 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
PI6LC4820 Rev D
11/13/13
PI6LC4820
HiFlexTM Ethernet Network Clock Generator
Input Mux Selection
IN_SEL
Input
0
Select Crystal Input (Pins 2, 3)
1
Select IN+, IN- Differential Input (Pins 46, 47)
NC
Select IN_SE LVCMOS Input (pin 48)
PLL Bypass Control Function
PLL_BYPS
PLL operation
0
PLL enabled
1
PLL bypassed
NC
PLL enabled for Banks A, B; Bank C is driven directly by the output of the input mux.
Pin Number Pin Name
Type
Description
32,
33
QA1-,
QA1+
Output (Differential)
Bank A LVDS/LVPECL selectable output. Controlled by QA_Mode0 pin
34,
35
QA0-,
QA0+
Output (Differential)
Bank A LVDS/LVPECL selectable output. Controlled by QA_Mode0 pin
36
VDD_QA
Power
VDD for bank A outputs
37
VDD_QB
Power
VDD for bank B outputs
38,
39
QB0-,
QB0+
Output (Differential)
Bank B LVDS/LVPECL selectable output. Controlled by QB_Mode pin
40,
41
QB1-,
QB1+
Output (Differential)
Bank B LVDS/LVPECL selectable output. Controlled by QB_Mode pin
42,
43
QB2-,
QB2+
Output (Differential)
Bank B LVDS/LVPECL selectable output. Controlled by QB_Mode pin
44,
45
QA_Mode0,
QB_Mode
Input (LVCMOS)
Out mode control pins select LVPECL, LVDS mode. If left floating,
outputs are tri-stated
46
IN-
Input (Differential)
Frequency input pin, differential (accepts: LVDS, LVPECL, HCSL)
47
IN+
Input (Differential)
Frequency input pin, differential (accepts: LVDS, LVPECL, HCSL)
48
IN_SE
Input
Frequency input pin, Single Ended
Input Divider Control Table
FS0
Divider Ratio
0
1
1
5
Pin Description (Continued..)
13-0167



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com