Electronic Components Datasheet Search
  English  ▼

X  

PI6LC4820 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6LC4820
Description  HiFlex Ethernet Network Clock Generator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC4820 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6LC4820 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
PI6LC4820 Rev D
11/13/13
PI6LC4820
HiFlexTM Ethernet Network Clock Generator
Pin Description
Pin Number Pin Name
Type
Description
1
FS0
Input (LVCMOS)
Frequency Select Pin. Use FS0=FS1=0 for all 25MHz input sources.
Internal pull-down is 100K-Ohm
2
X1
Input
Crystal input pin. No internal xtal load capacitance
3
X2
Output
Crystal output pin. No internal xtal load capacitance
4
VDD_OSC
Power
VDD for reference oscillator
5
IN_SEL
Input (LVCMOS)
Input mux selection pin
6
PLL_BYPS
Input (LVCMOS)
Optional mode to bypass PLL and have input reference source connect
directly to outputs
7
GND
Power
Ground pin
8
FS1
Input (LVCMOS)
Frequency Select Pin. Use FS0=FS1=0 for all 25MHz input sources.
Internal pull-down is 100K-Ohm
9
QC_Mode
Input (LVCMOS)
Out mode control pin selects LVPECL or LVDS mode. If left floating,
outputs are tri-stated
10
VDDA
Power
VDD for analog circuitry
11
GND
Power
Ground pin
12
VDD_PLL
Power
VDD for PLL.
13
GND
Power
Ground pin
14
FS_B
Input (LVCMOS)
Frequency Select Pin for Bank B, Output Divider
15
GND
Power
Ground pin
16
FS_A
Input (LVCMOS)
Frequency Select Pin for Bank A, Output Divider
17
GND
Power
Ground pin
18
FS_C
Input (LVCMOS)
Frequency Select Pin for Bank C, Output Divider
19
QA_Mode1
Input (LVCMOS)
Out mode control pin selects LVPECL or LVDS mode. If left floating,
outputs are tri-stated
20
VDD
Power
VDD
21
GND
Power
Ground pin
22,
23
QC-,
QC+
Output (Differential)
Bank C LVDS/LVPECL selectable output. Controlled by QC_Mode pin
24
VDD_QC
Power
VDD for bank C outputs
25
VDD_QA
Power
VDD for bank A outputs
26,
27
QA4-,
QA4+
Output (Differential)
Bank A LVDS/LVPECL selectable output. Controlled by QA_Mode1 pin
28,
29
QA3-,
QA3+
Output (Differential)
Bank A LVDS/LVPECL selectable output. Controlled by QA_Mode1 pin
30,
31
QA2-,
QA2+
Output (Differential)
Bank A LVDS/LVPECL selectable output. Controlled by QA_Mode0 pin
13-0167



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com