Electronic Components Datasheet Search
  English  ▼

X  

PI6LC4820 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6LC4820
Description  HiFlex Ethernet Network Clock Generator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC4820 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI6LC4820 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
PI6LC4820 Rev D
11/13/13
PI6LC4820
HiFlexTM Ethernet Network Clock Generator
LVPECL Output Characteristics
Symbol
Parameters
Condition
Min.
Typ.
Max.
Units
FOUT
Output Frequency
25
312.5
MHz
Trise / Tfall
Rise and Fall Time
20% to 80%, single-
ended
400
ps
TDC
Duty Cycle
Differential
47
53
%
Jphase
Integrated phase jitter
12KHz-20MHz
@ 156.25MHz,
25MHz Xtal input
0.54
1
ps rms
TDIS
Output Disable Time
80
ns
TEN
Output Enable Time
80
ns
TLOCK
PLL Lock Time
2
ms
VPP
Output peak-peak Voltage
Single-ended
0.6
1
V
VOH
Output High Voltage
VDD = 3.3V
VDD-1.4
VDD-0.9
V
VOL
Output Low Voltage
VDD = 3.3V
VDD-2.0
VDD-1.7
V
LVDS Output Characteristics
Symbol
Parameters
Condition
Min.
Typ.
Max.
Units
FOUT
Output Frequency
25
312.5
MHz
Trise / Tfall
Rise and Fall Time
20% to 80%, single-
ended
270
ps
TDC
Duty Cycle
Differential
47
53
%
Jphase
Integrated phase jitter
12KHz-20MHz
@ 156.25MHz,
25MHz Xtal input
0.54
1
ps rms
Differential Input Characteristics
Symbol Parameters
Conditions
Min.
Typ.
Max.
Units
VIH
Input High Voltage
VDD - 0.7
V
VIL
Input Low Voltage
VDD - 2.0
V
VCM
Input Bias Voltage
VDD - 1.8 VDD / 2
V
RIN
Input Differential Impedence2
80
100
120
W
VIN-PP
Input Differential Swing
0.3
1.8
VPP
CIN
Differential Input Capacitance
1.5
pF
Note:
1. 2. Differential input can be AC or DC coupled.
(Over Operating Conditions. See Fig. 1 and 2 for load conditions.)
(Over Operating Conditions See Fig. 1 and 2 for load conditions.)
13-0167



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com