Electronic Components Datasheet Search
  English  ▼

X  

PI6LC4820 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6LC4820
Description  HiFlex Ethernet Network Clock Generator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC4820 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6LC4820 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC4820 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
PI6LC4820 Rev D
11/13/13
HiFlexTM Ethernet Network Clock Generator
PI6LC4820
Features
Î
Î
3.3V supply voltage
Î
Î
Crystal input: 25 MHz
Î
Î
Differential input: 25MHz, 156.25 MHz
Î
Î
Output frequencies of 312.5, 156.25, 125MHz supported
Î
Î
9 LVPECL or LVDS bank selectable outputs
Î
Î
Low 1ps max integrated phase noise design
(12kHz to 20MHz)
Î
Î
Optional xtal or clock input selection
Î
Î
PLL Bypass mode for test
Î
Î
Power supply noise rejection: -50 dBc typical @ 156.25 MHz
Î
Î
Packaging (Pb-free & Green): 48-lead 7×7mm TQFN
Description
The PI6LC4820 is an LC VCO based low phase noise design
intended for 10GbE applications. Typical 10GbE usage assumes
a 25Mhz crystal input, while the PLL loop is used to generate
the 156.25MHz outputs. An additional buffered crystal oscilla-
tor output is provided to serve as a low noise reference for other
circuitry.
For Ethernet applications other than 10GbE, programmable
dividers allow for simultaneous output of 312.5, 156.25, and
125MHz.
Pin Configuration
1
2
10
9
8
7
6
5
4
3
20
19
18
17
16
15
14
13
36
35
27
28
29
30
31
32
33
34
41
42
43
44
45
46
47
48
VDD_QA
QA0+
QA4+
QA3-
QA3+
QA2-
QA2+
QA1-
QA1+
QA0-
FS0
X1
VDDA
QC_Mode
FS1
GND
PLL_BYPS
IN_SEL
VDD_OSC
X2
12
11
25
26
VDD_PLL
GND
24
23
22
21
37
38
39
40
VDD_QA
QA4-
GND
13-0167


Similar Part No. - PI6LC4820

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6LC4830 PERICOM-PI6LC4830 Datasheet
1Mb / 11P
HiFlex Network Clock Generator
PI6LC4830ZHE PERICOM-PI6LC4830ZHE Datasheet
1Mb / 11P
HiFlex Network Clock Generator
PI6LC4833 PERICOM-PI6LC4833 Datasheet
1,018Kb / 13P
Clock Generator for Power PC
PI6LC4833ZBIE PERICOM-PI6LC4833ZBIE Datasheet
1,018Kb / 13P
Clock Generator for Power PC
PI6LC4840 PERICOM-PI6LC4840 Datasheet
857Kb / 10P
Crystal to LVDS/LVCMOS Frequency Synthesizer
More results

Similar Description - PI6LC4820

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9489 MAXIM-MAX9489 Datasheet
176Kb / 11P
Multiple-Output Network Clock Generator
Rev 0; 8/04
logo
Analog Devices
AD9575 AD-AD9575 Datasheet
316Kb / 16P
Network Clock Generator, Two Outputs
REV. 0
AD9571 AD-AD9571 Datasheet
367Kb / 20P
Ethernet Clock Generator, 10 Clock Outputs
REV. 0
logo
Pericom Semiconductor C...
PI6C557-10 PERICOM-PI6C557-10 Datasheet
378Kb / 6P
Network Clock Generator
PI6LC48P0101 PERICOM-PI6LC48P0101 Datasheet
1Mb / 9P
HiFlex 10GbE Clock Generator
PI6LC48S04 PERICOM-PI6LC48S04 Datasheet
1Mb / 11P
HiFlex Serial Interface Clock
PI6LC48S25A PERICOM-PI6LC48S25A Datasheet
1Mb / 16P
Next Generation HiFlex Ethernet Network Clock Generator
PI6LC4830 PERICOM-PI6LC4830 Datasheet
1Mb / 11P
HiFlex Network Clock Generator
logo
Analog Devices
AD9574 AD-AD9574 Datasheet
873Kb / 35P
Ethernet/Gigabit Ethernet Clock Generator
4/2017-Rev. A to Rev. B
logo
Diodes Incorporated
PI6LC58S1101 DIODES-PI6LC58S1101 Datasheet
1Mb / 17P
11 Outputs HiFlex??Ethernet Network Clock Generator
March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com