Electronic Components Datasheet Search
  English  ▼

X  

ADC12281 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12281
Description  12-Bit, 20 MSPS Single-Ended Input, Pipelined A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12281 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC12281 Datasheet HTML 1Page - National Semiconductor (TI) ADC12281 Datasheet HTML 2Page - National Semiconductor (TI) ADC12281 Datasheet HTML 3Page - National Semiconductor (TI) ADC12281 Datasheet HTML 4Page - National Semiconductor (TI) ADC12281 Datasheet HTML 5Page - National Semiconductor (TI) ADC12281 Datasheet HTML 6Page - National Semiconductor (TI) ADC12281 Datasheet HTML 7Page - National Semiconductor (TI) ADC12281 Datasheet HTML 8Page - National Semiconductor (TI) ADC12281 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltages (V
A,VD,VD I/O)
6.5V
|V
A–VD|
≤100 mV
V
D I/O–VA,VD I/O–VD
≤300 mV
Voltage on Any Input or Output Pin
−0.3V to V
A +0.3V
Input Current at Any Pin (Note 3)
±25 mA
Package Input Current (Note 3)
±50 mA
Power Dissipation at T
A = 25˚C
See (Note 4)
ESD Susceptibility
Human Body Model (Note 5)
2500V
Machine Model (Note 5)
250V
Soldering Temperature, Infrared,
(10 sec.) (Note 6)
300˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings (Notes 1, 2)
Operating Temperature Range
−40˚C
≤ T
A
≤
+85˚C
Supply Voltage (V
A,VD)
+4.75V to +5.25V
Output Driver Supply Voltage (V
D
I/O)
+2.7V to V
D
V
REF Input
1.8V to 2.2V
CLOCK, CAL, PD, OE
−0.05V to V
D +0.05V
Ground Difference |AGND–DGND|
≤100 mV
Converter Electrical Characteristics
The following specifications apply for AGND = DGND = DGND I/O = 0V, V
A =VD =VD I/O = +5V, PD = +5V, VREF = +2.0V,
f
CLK = 20MHz,3VP-P at 50% duty cycle, CL = 25 pF/pin. After Auto-Cal. Boldface limits apply for TA =TJ =TMIN to TMAX;
all other limits T
A =TJ = 25˚C (Notes 7, 8, 9).
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 11)
Units
(Limits)
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
12
Bits (min)
INL
Integral Non-Linearity
±1.0
±2.5
LSB (max)
DNL
Differential Non-Linearity
±0.35
±0.9
LSB (max)
Full-Scale Error
+3
±10
LSB (max)
Zero Error
+7
±17
LSB (max)
DYNAMIC CONVERTER CHARACTERISTICS
BW
Full Power Bandwidth
100
MHz
SNR
Signal-to-Noise Ratio
f
IN = 4.43 MHz, VIN = 2.0 VP-P
65.5
62.5
dB (min)
SINAD
Signal-to-Noise and Distortion
f
IN = 4.43 MHz, VIN = 2.0 VP-P
65
62
dB (min)
ENOB
Effective Number of Bits
f
IN = 4.43 MHz, VIN = 2.0 VP-P
10.5
10
Bits (min)
THD
Total Harmonic Distortion
f
IN = 4.43 MHz, VIN = 2.0 VP-P
−76
dB
SFDR
Spurious Free Dynamic Range
f
IN = 4.43 MHz, VIN = 2.0 VP-P
75
dB
REFERENCE AND ANALOG INPUT CHARACTERISTICS
V
IN
Input Voltage Range
V
REF
V (max)
C
IN
V
IN Input Capacitance
(CLK LOW)
10
pF
(CLK HIGH)
15
pF
V
REF
Reference Voltage (Note 14)
2.00
1.8
V (min)
2.2
V (max)
Reference Input Leakage Current
10
µA
Reference Input Resistance
1
M
Ω
DC and Logic Electrical Characteristics
The following specifications apply for AGND = DGND = DGND I/O = 0V, V
A =VD =VD I/O = +5V, PD = +5V, VREF = +2.0V,
f
CLK = 20MHz,3VP-P at 50% duty cycle, CL = 25 pF/pin. After Auto-Cal. Boldface limits apply for TA =TJ =TMIN to TMAX;
all other limits T
A =TJ = 25˚C (Notes 7, 8, 9).
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 11)
Units
(Limits)
CLOCK, CAL, PD, OE DIGITAL INPUT CHARACTERISTICS
V
IH
Logical “1” Input Voltage
V
D = 5.25V
2.0
V (min)
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com