| Electronic Components Datasheet Search |
|
ADC12138CIWM Datasheet(PDF) 26 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
ADC12138CIWM Datasheet(HTML) 26 Page - National Semiconductor (TI) |
|
26 / 41 page ![]() Tables (Continued) TABLE 3. ADC12130 and ADC12132 Multiplexer Addressing Analog Channel Addressed A/D Input Multiplexer Mode MUX and Assignment Polarity Output Address with A/DIN1 tied to MUXOUT1 Assignment Channel and A/DIN2 tied to MUXOUT2 Assignment DI0 DI1 CH0 CH1 COM A/DIN1 A/DIN2 MUXOUT1 MUXOUT2 L L + − + − CH0 CH1 Differential L H − + − + CH0 CH1 H L + − + − CH0 COM Single-Ended H H + − + − CH1 COM Note: ADC12130 do not have A/DIN1, A/DIN2, MUXOUT1 and MUXOUT2 pins. TABLE 4. Mode Programming ADC12138 DI0 DI1 DI2 DI3 DI4 DI5 DI6 DI7 Mode Selected (Current) DO Format (next Conversion Cycle) ADC12130 and DI0 DI1 DI2 DI3 DI4 DI5 ADC12132 See Table 2 or Table 3 LLLL 12 Bit Conversion 12 or 13 Bit MSB First See Table 2 or Table 3 L L L H 12 Bit Conversion 16 or 17 Bit MSB First See Table 2 or Table 3 L H L L 12 Bit Conversion 12 or 13 Bit LSB First See Table 2 or Table 3 LHLH 12 Bit Conversion 16 or 17 Bit LSB First L L L L H L L L Auto Cal No Change L L L L H L L H Auto Zero No Change L L L LHLHL Power Up No Change L L L LHLH H Power Down No Change LLLL H H LL Read Status Register No Change LLLL H H L H Data Out without Sign No Change H L L L H H L H Data Out with Sign No Change LLLL H H H L Acquisition Time — 6 CCLK Cycles No Change L H L L H H H L Acquisition Time — 10 CCLK Cycles No Change H L L L H H H L Acquisition Time — 18 CCLK Cycles No Change H H L L H H H L Acquisition Time — 34 CCLK Cycles No Change LLLL HHHH User Mode No Change H X X X HHHH Test Mode No Change (CH1–CH7 become Active Outputs) Note: The A/D powers up with no Auto Cal, no Auto Zero, 10 CCLK acquisition time, 12-bit + sign conversion, power up, 12- or 13-bit MSB First, and user mode. X = Don’t Care TABLE 5. Conversion/Read Data Only Mode Programming CS CONV PD Mode LLL See Table 4 for Mode L H L Read Only (Previous DO Format). No Conversion. H X L Idle X X H Power Down X = Don’t Care www.national.com 26 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |