Electronic Components Datasheet Search
  English  ▼

X  

ADC12138CIWM Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12138CIWM
Description  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12138CIWM Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button ADC12138CIWM Datasheet HTML 26Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 27Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 28Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 29Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 30Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 31Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 32Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 33Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
Application Hints (Continued)
The Multiplexer assignment tables for the ADC12130/2/8
(
Table 2 and Table 3) summarize the aforementioned func-
tions for the different versions of A/Ds.
2.1 Biasing for Various Multiplexer Configurations
Figure 11 is an example of biasing the device for
single-ended operation. The sign bit is always low. The digi-
tal output range is 0 0000 0000 0000 to 0 1111 1111 1111.
One LSB is equal to 1 mV (4.1V/4096 LSBs).
For pseudo-differential signed operation, the biasing circuit
shown in
Figure 12 shows a signal AC coupled to the ADC.
This gives a digital output range of −4096 to +4095. With a
2.5V reference, as shown, 1 LSB is equal to 610 µV. Al-
though, the ADC is not production tested with a 2.5V refer-
ence, when V
A
+ and V
D
+ are +5.0V linearity error typically
will not change more than 0.1 LSB (see the curves in the
Typical Electrical Characteristics Section). With the ADC set
to an acquisition time of 10 clock periods, the input biasing
resistor needs to be 600
Ω or less. Notice though that the in-
put coupling capacitor needs to be made fairly large to bring
down the high pass corner. Increasing the acquisition time to
34 clock periods (with a 5 MHz CCLK frequency) would al-
low the 600
Ω to increase to 6k, which with a 1 µF coupling
capacitor would set the high pass corner at 26 Hz. Increas-
ing R, to 6k would allow R
2 to be 2k.
DS012079-38
FIGURE 11. Single-Ended Biasing
www.national.com
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com