Electronic Components Datasheet Search
  English  ▼

X  

ADC12138CIWM Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12138CIWM
Description  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12138CIWM Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button ADC12138CIWM Datasheet HTML 25Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 26Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 27Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 28Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 29Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 30Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 31Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 32Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
Application Hints (Continued)
be queried to see what mode it is in. This is done by issuing
a “read STATUS register” instruction to the ADC. When bit 9
of the status register is high, the ADC is in test mode; when
bit 9 is low the ADC, is in user mode. As an alternative to cy-
cling the power supply, an instruction sequence may be used
to return the device to user mode. This instruction sequence
must be issued to the ADC using CS. The following table lists
the instructions required to return the device to user mode:
Instruction
DI Data
DI0 DI1 DI2 DI3 DI4 DI5 DI6 DI7
TEST MODE
H
X
X
X
HHHH
Reset
Test Mode
Instructions
LLLL
H
H
H
L
L
L
L
LHLHL
L
L
L
LHLH
H
USER
MODE
LLLL
HHHH
Power Up
L
L
L
LHLHL
Set DO with
H
or without
or
L
L
L
H
H
L
H
Sign
L
Set
H
H
Acquisition
or
or
L
L
H
H
H
L
Time
L
L
Start
HHHH
HHH
a
orororor
L
or
or
or
Conversion
LLLL
LLL
X = Don’t Care
After returning to user mode with the user mode instruction
the power up, data with or without sign, and acquisition time
instructions need to be resent to ensure that the ADC is in
the required state before a conversion is started.
1.7 Reading the Data Without Starting a Conversion
The data from a particular conversion may be accessed
without starting a new conversion by ensuring that the
CONV line is taken high during the I/O sequence. See the
Read Data timing diagrams.
Table 5 describes the operation
of the CONV pin.
2.0 DESCRIPTION OF THE ANALOG MULTIPLEXER
For the ADC12138, the analog input multiplexer can be con-
figured with 4 differential channels or 8 single ended chan-
nels with the COM input as the zero reference or any combi-
nation thereof (see
Figure 9). The difference between the
voltages on the V
REF
+ and V
REF
− pins determines the input
voltage span (V
REF). The analog input voltage range is 0 to
V
A
+. Negative digital output codes result when V
IN
−
> V
IN
+.
The actual voltage at V
IN
− or V
IN
+ cannot go below AGND.
CH0, CH2, CH4, and CH6 can be assigned to the MUX-
OUT1 pin in the differential configuration, while CH1, CH3,
CH5, and CH7 can be assigned to the MUXOUT2 pin. In the
differential configuration, the analog inputs are paired as fol-
lows: CH0 with CH1, CH2 with CH3, CH4 with CH5 and CH6
with CH7. The A/DIN1 and A/DIN2 pins can be assigned
positive or negative polarity.
With the single-ended multiplexer configuration CH0 through
CH7 can be assigned to the MUXOUT1 pin. The COM pin is
always assigned to the MUXOUT2 pin. A/DIN1 is assigned
as the positve input; A/DIN2 is assigned as the negative in-
put. (See
Figure 10).
DS012079-34
DS012079-35
FIGURE 9.
Differential
Configuration
DS012079-36
A/DIN1 and A/DIN2 can be assigned as the + or − input
Single-Ended
Configuration
DS012079-37
A/DIN1 is + input
A/DIN2 is − input
FIGURE 10.
www.national.com
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com