Electronic Components Datasheet Search
  English  ▼

X  

ADC12138CIWM Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12138CIWM
Description  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12138CIWM Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button ADC12138CIWM Datasheet HTML 24Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 25Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 26Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 27Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 28Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 29Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 30Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 31Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
Application Hints (Continued)
1.3 CS Low Continuously Considerations
When CS is continuously low, it is important to transmit the
exact number of SCLK pulses that the ADC expects. Not do-
ing so will desynchronize the serial communications to the
ADC. When the supply power is first applied to the ADC, it
will expect to see 13 SCLK pulses for each I/O transmission.
The number of SCLK pulses that the ADC expects to see is
the same as the digital output word length. The digital output
word length is controlled by the Data Out (DO) format. The
DO format maybe changed any time a conversion is started
or when the sign bit is turned on or off. The table below de-
tails out the number of clock periods required for different
DO formats:
Number of
DO Format
SCLKs
Expected
12-Bit MSB or LSB First
SIGN OFF
12
SIGN ON
13
16-Bit MSB or LSB first
SIGN OFF
16
SIGN ON
17
If erroneous SCLK pulses desynchronize the communica-
tions, the simplest way to recover is by cycling the power
supply to the device. Not being able to easily resynchronize
the device is a shortcoming of leaving CS low continuously.
The number of clock pulses required for an I/O exchange
may be different for the case when CS is left low continu-
ously vs the case when CS is cycled. Take the I/O sequence
detailed in
Figure 7 (Typical Power Supply Sequence) as an
example. The table below lists the number of SCLK pulses
required for each instruction:
Instruction
CS Low
CS Strobed
Continuously
Auto Cal
13 SCLKs
8 SCLKs
Read Status
13 SCLKs
8 SCLKs
Read Status
13 SCLKs
8 SCLKs
12-Bit + Sign Conv 1
13 SCLKs
8 SCLKs
12-Bit + Sign Conv 2
13 SCLKs
13 SCLKs
1.4 Analog Input Channel Selection
The data input on DI also selects the channel configuration
for a particular A/D conversion (see
Table 2, Table 3 and
Table 4). In Figure 8 the only times when the channel con-
figuration could be modified would be during I/O sequences
1, 4, 5 and 6. Input channels are reselected before the start
of each new conversion. Shown below is the data bit stream
required on DI, during I/O sequence number 4 in
Figure 8,to
set CH1 as the positive input and CH0 as the negative input
for the different versions of ADCs:
Part
Number
DI Data
DI0
DI1
DI2
DI3
DI4
DI5
DI6
DI7
ADC12130
LHL
LHL
X
X
and
ADC12132
ADC12138
LHL
L
L
LHL
Where X can be a logic high (H) or low (L).
1.5 Power Up/Down
The ADC may be powered down at any time by taking the
PD pin HIGH or by the instruction input on DI (see
Table 4
and
Table 5, and the Power Up/Down timing diagrams).
When the ADC is powered down in this way, the circuitry
necessary for an A/D conversion is deactivated. The circuitry
necessary for digital I/O is kept active. Hardware power up/
down is controlled by the state of the PD pin. Software
power-up/down is controlled by the instruction issued to the
ADC. If a software power up instruction is issued to the ADC
while a hardware power down is in effect (PD pin high) the
device will remain in the power-down state. If a software
power down instruction is issued to the ADC while a hard-
ware power up is in effect (PD pin low), the device will power
down. When the device is powered down by software, it may
be powered up by either issuing a software power up instruc-
tion or by taking PD pin high and then low. If the power down
command is issued during an A/D conversion, that conver-
sion is disrupted. Therefore, the data output after power up
cannot be relied upon.
1.6 User Mode and Test Mode
An instruction may be issued to the ADC to put it into test
mode. Test mode is used by the manufacturer to verify com-
plete functionality of the device. During test mode CH0–CH7
become active outputs. If the device is inadvertently put into
the test mode with CS continuously low, the serial communi-
cations may be desynchronized. Synchronization may be re-
gained by cycling the power supply voltage to the device.
Cycling the power supply voltage will also set the device into
user mode. If CS is used in the serial interface, the ADC may
DS012079-33
FIGURE 8. Changing the ADC’s Conversion Configuration
www.national.com
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com