Electronic Components Datasheet Search
  English  ▼

X  

ADC12138CIWM Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12138CIWM
Description  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12138CIWM Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button ADC12138CIWM Datasheet HTML 32Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 33Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 34Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 35Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 36Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 37Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 38Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 39Page - National Semiconductor (TI) ADC12138CIWM Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
Application Hints (Continued)
The assignment of the RS232 port is shown below
B7
B6
B5
B4
B3
B2
B1
B0
COM1
Input Address
3FE
X
X
X
CTS
X
X
X
X
Output Address
3FC
X
X
X
0
X
X
RTS
DTR
A sample program, written in Microsoft QuickBasic, is shown
on the next page. The program prompts for data mode select
instruction to be sent to the A/D. This can be found from the
Mode Programming table shown earlier. The data should be
entered in “1”s and “0”s as shown in the table with DI0 first.
Next the program prompts for the number of SCLKs required
for the programmed mode select instruction. For instance, to
send all “0”s to the A/D, selects CH0 as the +input, CH1 as
the −input, 12-bit conversion, and 13-bit MSB first data out-
put format (if the sign bit was not turned off by a previous in-
struction). This would require 13 SCLK periods since the out-
put data format is 13 bits. The part powers up with No Auto
Cal, No Auto Zero, 10 CCLK Acquisition Time, 12-bit conver-
sion, data out with sign, power up, 12- or 13-bit MSB First,
and user mode. Auto Cal, Auto Zero, Power Up and Power
Down instructions do not change these default settings.
Since there is no CS signal to synchronize the serial inter-
face the following power up sequence should be followed:
1.
Run the program
2.
Prior to responding to the prompt apply the power to the
ADC12138
3.
Respond to the program prompts
It is recommended that the first instruction issued to the
ADC12138 be Auto Cal (see Section 1.1).
Code Listing:
’variables DOL=Data Out word length, DI=Data string for A/D DI input,
’
DO=A/D result string
’SET CS# HIGH
OUT <&amp>H3FC, (<&amp>H2 OR INP (<&amp>H3FC)
’set RTS
HIGH
OUT <&amp>H3FC, (<&amp>HFE AND INP(<&amp>H3FC)
’SET DTR LOW
OUT <&amp>H3FC, (<&amp>HFD AND INP (<&amp>H3FC)
’SET RTS LOW
OUT <&amp>H3FC, (<&amp>HEF AND INP(<&amp>H3FC))
’set B4 low
10
LINE INPUT <&ldquo>DI data for ADC12138 (see Mode Table on data sheet)<&rdquo>; DI$
INPUT <&ldquo>ADC12138 output word length (12,13,16 or 17)<&rdquo>; DOL
20
’SET CS# HIGH
OUT <&amp>H3FC, (<&amp>H2 OR INP (<&amp>H3FC)
’set RTS
HIGH
OUT <&amp>H3FC, (<&amp>HFE AND INP(<&amp>H3FC)
’SET DTR LOW
OUT <&amp>H3FC, (<&amp>HFD AND INP (<&amp>H3FC)
’SET RTS LOW
DS012079-46
Note: VA
+,V
D
+, and V
REF
+ on the ADC12138 each have 0.01 µF and 0.1 µF chip caps, and 10 µF tantalum caps. All logic devices are bypassed with 0.1 µF
caps.
www.national.com
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com