Electronic Components Datasheet Search
  English  ▼

X  

XC9404 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC9404
Description  85VAC ~ 270VAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9404 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC9404 Datasheet HTML 1Page - Torex Semiconductor XC9404 Datasheet HTML 2Page - Torex Semiconductor XC9404 Datasheet HTML 3Page - Torex Semiconductor XC9404 Datasheet HTML 4Page - Torex Semiconductor XC9404 Datasheet HTML 5Page - Torex Semiconductor XC9404 Datasheet HTML 6Page - Torex Semiconductor XC9404 Datasheet HTML 7Page - Torex Semiconductor XC9404 Datasheet HTML 8Page - Torex Semiconductor XC9404 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
XC9404 Series
Offline Controller for LED Lighting with Power Factor Correction
■
GENERAL DESCRIPTION
The XC9404 series are LED lighting offline controllers that use PFM(Pulse Frequency Modulation) control and
have a Power Factor improvement function. The operating input voltage range is 85VAC to 270VAC, and the
current is controlled on the primary side without using a Opto-coupler or secondary side control circuit. Because
LED current fluctuations caused by input voltage fluctuations and LED voltage fluctuations can be suppressed, a
stable LED lighting power supply is obtained.
A high Power Factor and low THD are attained by synchronizing the input current with the input voltage, and
operation in DCM(Discontinuous Current Mode) makes it possible to achieve high efficiency. An internal
acceleration startup circuit enables the LED lighting to illuminate quickly.
Over Voltage Protection, Over Current Protection, UVLO and Thermal shutdown are provided as protective
functions to protect the LED lighting in the event of LED Open/Short-circuiting.
ETR32008-001
■
FEATURES
Operating Voltage
Output Wattage
Power Factor / THD
Control Method
: 85VAC ~ 270VAC
: up to 50W
: Power Factor 0.95 or more
/ THD up to 10% attainable
: PFM control
Function
Protection Function
Package
Operating Ambient Temperature
Environmentally Friendly
: Opto-coupler free due to primary control
Built-in acceleration Start
Low Start up Current 20μA
: LED Open/Short protection
Over Voltage Protection
Over Current Protection
UVLO
Thermal shutdown
: SOP-8D
: -40℃ ~ +105 ℃
: EU RoHS Compliant, Pb Free
■
TYPICAL APPLICATION CIRCUITS
■
APPLICATIONS
・
LED Bulb
・
LED spot Light
・
LED Tube
・
Street Light
・
Residential Lighting
・
Other applications with LED Lighting
85~270VAC
D1
D3
Q1
LED
C7
LT1
D2
R7
C5
CY1
Pri
Sec
AUX
Rg
RL2
ZD1
C1
R1
R2
BR1
CX1
+
R5
R6
L1
L2
R3
C2
C3
R4
RVdd1
C4
RL1
ZVS
ISEN
IC
VINS
Vsine
VDD
GND
GATE
Rs
RVdd2


Similar Part No. - XC9404

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9401 TOREX-XC9401 Datasheet
383Kb / 19P
Off-line Controllers for LED Lighting
XC9401-13 TOREX-XC9401-13 Datasheet
383Kb / 19P
Off-line Controllers for LED Lighting
XC9401A605MR-G TOREX-XC9401A605MR-G Datasheet
383Kb / 19P
Off-line Controllers for LED Lighting
XC9401A605MR-G TOREX-XC9401A605MR-G Datasheet
383Kb / 19P
Off-line Controllers for LED Lighting
XC9401B605MR-G TOREX-XC9401B605MR-G Datasheet
383Kb / 19P
Off-line Controllers for LED Lighting
More results

Similar Description - XC9404

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MPE-8071 ETC-MPE-8071 Datasheet
261Kb / 1P
70W AC-DC OPEN FRAME POWER SUPPLY INPUT RANGE : 85-270VAC
logo
Lineage Power Corporati...
CAR1212FP LINEAGEPOWER-CAR1212FP_14 Datasheet
269Kb / 7P
85Vac to 264Vac 12Vdc @ 1250W; 5 Vdc @ 0.5A
logo
Monolithic Power System...
EV020-5-S-00A MPS-EV020-5-S-00A Datasheet
629Kb / 16P
85VAC~265VAC/50Hz, 5V/1A Off-line Primary-side-Regulator Cell phone Charger Evaluation Board
EV020-5-S-00B MPS-EV020-5-S-00B Datasheet
725Kb / 19P
85VAC~265VAC/50Hz, 12V/0.7A Off-line Primary-Side-Regulator Home Appliances Evaluation Board
EV020-5-S-00D MPS-EV020-5-S-00D Datasheet
1Mb / 16P
85VAC~265VAC/50Hz, 18V/0.3A, 5V/0.1A Off-line Primary-side-Regulator, Dual Outputs Evaluation Board for Small Appliances
EV4034-S-00A MPS-EV4034-S-00A Datasheet
412Kb / 15P
85VAC-265VAC/50Hz, 40V/130mA Primary-Side-Controlled, Offline, LED Driver Evaluation Board
EV4034-S-00B MPS-EV4034-S-00B Datasheet
1,014Kb / 15P
85VAC-265VAC/50Hz, 10V/350mA Primary-Side-Controlled, Offline, LED Driver Evaluation Board
EV4034-S-00C MPS-EV4034-S-00C Datasheet
422Kb / 15P
85VAC~265VAC/50Hz, 40V/150mA Non-Isolation Off-line LED Driver Evaluation Board
EV4034-S-00D MPS-EV4034-S-00D Datasheet
434Kb / 15P
85VAC~265VAC/50Hz, 10V/350mA Non-Isolation Off-line LED Driver Evaluation Board
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com