Electronic Components Datasheet Search
  English  ▼

X  

XC9404 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC9404
Description  85VAC ~ 270VAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9404 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC9404 Datasheet HTML 1Page - Torex Semiconductor XC9404 Datasheet HTML 2Page - Torex Semiconductor XC9404 Datasheet HTML 3Page - Torex Semiconductor XC9404 Datasheet HTML 4Page - Torex Semiconductor XC9404 Datasheet HTML 5Page - Torex Semiconductor XC9404 Datasheet HTML 6Page - Torex Semiconductor XC9404 Datasheet HTML 7Page - Torex Semiconductor XC9404 Datasheet HTML 8Page - Torex Semiconductor XC9404 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2/16
XC9404 Series
■
BLOCK DIAGRAM
XC9404 Series
Logic
VDD
ISEN
VINS
VSINE
GATE
GND
ZVS
0.1V
VZVSA
Acceleration
Start Control
Over Protection
Voltage
UVLO
Other Circuit
Voltage
Regulator
Peak Current Control
Power Factor Correction
and Constant Current Control
R
S
Q
Buffer
and
Driver
UVLO and Start-Up
VDD
Thermal shutdown
Short Circuit Protection
and minimum on time control
* Diodes inside the circuit are an ESD protection diode and a parasitic diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com