Electronic Components Datasheet Search
  English  ▼

X  

XC9404 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC9404
Description  85VAC ~ 270VAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9404 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC9404 Datasheet HTML 8Page - Torex Semiconductor XC9404 Datasheet HTML 9Page - Torex Semiconductor XC9404 Datasheet HTML 10Page - Torex Semiconductor XC9404 Datasheet HTML 11Page - Torex Semiconductor XC9404 Datasheet HTML 12Page - Torex Semiconductor XC9404 Datasheet HTML 13Page - Torex Semiconductor XC9404 Datasheet HTML 14Page - Torex Semiconductor XC9404 Datasheet HTML 15Page - Torex Semiconductor XC9404 Datasheet HTML 16Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13/16
XC9404
Series
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(13) ZVS Leakage Current vs. Ambient Temperature
(14) ZVS Acceleration Threshold Voltage vs. Ambient Temperature
(15) ZVS CV Threshold Voltage vs. Ambient Temperature (16) ZVS Over Voltage Threshold Voltage vs. Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com