Electronic Components Datasheet Search
  English  ▼

X  

XC9404 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC9404
Description  85VAC ~ 270VAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9404 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC9404 Datasheet HTML 1Page - Torex Semiconductor XC9404 Datasheet HTML 2Page - Torex Semiconductor XC9404 Datasheet HTML 3Page - Torex Semiconductor XC9404 Datasheet HTML 4Page - Torex Semiconductor XC9404 Datasheet HTML 5Page - Torex Semiconductor XC9404 Datasheet HTML 6Page - Torex Semiconductor XC9404 Datasheet HTML 7Page - Torex Semiconductor XC9404 Datasheet HTML 8Page - Torex Semiconductor XC9404 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4/16
XC9404 Series
■
ABSOLUTE MAXIMUM RATINGS
Ta=25℃
PARAMETER
SYMBOL
RATINGS
UNITS
VDD Pin Voltage
VDD
-0.3 ~ +35
V
VINS Pin Voltage
VINS
-0.3 ~ +7.0
V
VSINE Pin Voltage
VSINE
-0.3 ~ +7.0
V
ISEN Pin Voltage
VISEN
-0.3 ~ +7.0
V
ZVS Pin Voltage
VZVS
-40.0 ~ +10.0
V
GATE Pin Maximum Current
IGATE
300
mA
Power Dissipation
PD
0.525
W
Operating Ambient Temperature
Ta
-40 ~ 105
℃
Storage Temperature
Tstg
-65 ~ +150
℃
(*1) All voltages are described based on GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com