Electronic Components Datasheet Search
  English  ▼

X  

XC9404 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC9404
Description  85VAC ~ 270VAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9404 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC9404 Datasheet HTML 1Page - Torex Semiconductor XC9404 Datasheet HTML 2Page - Torex Semiconductor XC9404 Datasheet HTML 3Page - Torex Semiconductor XC9404 Datasheet HTML 4Page - Torex Semiconductor XC9404 Datasheet HTML 5Page - Torex Semiconductor XC9404 Datasheet HTML 6Page - Torex Semiconductor XC9404 Datasheet HTML 7Page - Torex Semiconductor XC9404 Datasheet HTML 8Page - Torex Semiconductor XC9404 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3/16
XC9404
Series
■
PRODUCT CLASSFICATION
●
Ordering Information
(*1) The “-G” suffix denotes Halogen and Antimony free as well as being fully EU RoHS compliant.
(*2) The XC9404 reels are shipped in a moisture-proof packing.
■
PIN CONFIGURATION
■
PIN ASSIGNMENT
PIN NUMBER
PIN NAME
FUNCTIONS
1
NC
No connection.
2
VSINE
VSINE pin to detect the rectified sine waveform of input voltage.
3
VINS
VINS pin to detect the rectified sine waveform peak value of input voltage.
4
ISEN
ISEN pin monitors the primary current.
5
ZVS
ZVS pin to detect the feedback voltage from the auxiliary winding.
ZVS voltage is used to control Over Voltage Protection and Acceleration Mode.
6
GND
Ground pin.
7
GATE
External power MOSFET drive pin.
8
VDD
Power Input pin.
XC9404①②③④⑤⑥-⑦(*1)
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
①
Type
A
With PFC Function
②
Application
L
For Off-line Driver for LED Lighting
③④
Accuracy
03
LED Current Accuracy is ±3%
⑤⑥-⑦
Package
(Order Unit)
SR-G
SOP-8D (2,500pcs/Reel)(*2)
SOP-8D
(TOP VIEW)
1
2
3
4
8
7
6
5
NC
VSINE
VINS
ISEN
VDD
GATE
GND
ZVS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com