Electronic Components Datasheet Search
  English  ▼

X  

XCL211 Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XCL211
Description  3.1mm횞4.7mm, h=1.3mm
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL211 Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XCL211 Datasheet HTML 4Page - Torex Semiconductor XCL211 Datasheet HTML 5Page - Torex Semiconductor XCL211 Datasheet HTML 6Page - Torex Semiconductor XCL211 Datasheet HTML 7Page - Torex Semiconductor XCL211 Datasheet HTML 8Page - Torex Semiconductor XCL211 Datasheet HTML 9Page - Torex Semiconductor XCL211 Datasheet HTML 10Page - Torex Semiconductor XCL211 Datasheet HTML 11Page - Torex Semiconductor XCL211 Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8/16
XCL211/XCL212 series
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
2
4
6
8
1012
14
1618
20
Discharge Time: t(ms)
VOUT = 1.2V
VOUT = 1.8V
VOUT = 3.3V
Output Voltage Dischage characteristics
Rdischg = 130Ω(TYP.)
V
OUT =1.2V
V
OUT =1.8V
V
OUT =3.3V
C
L=20μF
■
OPERATIONAL DESCRIPTION (Continued)
<Thermal Shutdown>
For protection against heat damage, the thermal shutdown function monitors chip temperature. When the chip’s temperature reaches 150OC
(TYP.), the thermal shutdown circuit starts operating and the P-channel driver transistor will be turned off. At the same time, the output voltage
decreases. When the temperature drops to 130OC (TYP.) after shutting off the current flow, the IC performs the soft start function to initiate
output startup operation.
< Function of CE pin >
The XCL211/212 series will enter into stand-by mode by inputting a low level signal to the CE pin. During a stand-by mode, the current
consumption of the IC becomes 0μA (TYP.). The IC starts its operation by inputting a high level signal to the CE pin. The input of the CE pin is
a CMOS input and the sink current is 0μA (TYP.).
<UVLO>
When the VIN pin voltage becomes 2.4V (TYP.) or lower, the P-channel MOS driver transistor output driver transistor is forced OFF to prevent
false pulse output caused by unstable operation of the internal circuitry. When the VIN pin voltage becomes 2.68V (MAX.) or higher, switching
operation takes place. By releasing the UVLO function, the IC performs the soft start function to initiate output startup operation. The soft start
function operates even when the VIN pin voltage falls momentarily below the UVLO operating voltage. The UVLO circuit does not cause a
complete shutdown of the IC, but causes pulse output to be suspended; therefore, the internal circuitry remains in operation.
<Soft Start>
The XCL211/XCL212 series provide 1.0ms (TYP). Soft start time is defined as the time interval to reach 90% of the output voltage from the time
when the VCE is turned on.
<CL High Speed Discharge>
The XCL211/XCL212 series can quickly discharge the electric charge at the output capacitor (CL) when a low signal to the CE pin which
enables a whole IC circuit put into OFF state, is inputted via the N-channel MOS switch transistor located between the LX pin and the VGND pin.
When the IC is disabled, electric charge at the output capacitor (CL) is quickly discharged so that it may avoid application malfunction. Discharge
time of the output capacitor (CL) is set by the CL auto-discharge resistance (R) and the output capacitor (CL). By setting time constant of a CL
auto-discharge resistance value [R] and an output capacitor value (CL) as τ(τ=C x R), discharge time of the output voltage after discharge via
the N-channel transistor is calculated by the following formulas.
V = VOUT(E)×e -t /τ or t = τln (VOUT(E) /V)
V : Output voltage after discharge
VOUT(E) : Output voltage
t: Discharge time
τ
: CL×RDCHG
CL : Capacitance of Output capacitor
RDCHG : CL auto-discharge resistance
RDCHG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com