Electronic Components Datasheet Search
  English  ▼

X  

XCL211 Datasheet(PDF) 12 Page - Torex Semiconductor

Part # XCL211
Description  3.1mm횞4.7mm, h=1.3mm
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL211 Datasheet(HTML) 12 Page - Torex Semiconductor

Back Button XCL211 Datasheet HTML 8Page - Torex Semiconductor XCL211 Datasheet HTML 9Page - Torex Semiconductor XCL211 Datasheet HTML 10Page - Torex Semiconductor XCL211 Datasheet HTML 11Page - Torex Semiconductor XCL211 Datasheet HTML 12Page - Torex Semiconductor XCL211 Datasheet HTML 13Page - Torex Semiconductor XCL211 Datasheet HTML 14Page - Torex Semiconductor XCL211 Datasheet HTML 15Page - Torex Semiconductor XCL211 Datasheet HTML 16Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12/16
XCL211/XCL212 series
■
TYPICAL PERFORMANCE CHARACTERISTICS
(1) Output Voltage vs. Output Current
(2) Efficiency vs. Output Current
(3) Ripple Voltage vs. Output Current
VOUT=1.8V
VOUT=3.3V
VOUT=1.8V/出力電圧特性
VOUT=1.8V
VOUT=3.3V
VOUT=3.3V
VOUT=1.8V/リップル特性
VOUT=1.8V
0
20
40
60
80
100
0.1
1
10
100
1000
10000
Output Current : IOUT (mA)
5.0V
XCL211
XCL212
VIN=3.7V
0
20
40
60
80
100
0.1
1
10
100
1000
10000
Output Current : IOUT (mA)
XCL212
VIN=3.7V,5.0V
XCL211
VIN=3.7V,5.0V
0
20
40
60
80
100
0.1
1
10
100
1000
10000
Output Current : IOUT (mA)
XCL212
XCL211
VIN=5.0V
3.1
3.2
3.3
3.4
3.5
0.1
1
10
100
1000
10000
Output Current : IOUT (mA)
XCL211
VIN=5.0V
XCL212
0
20
40
60
80
100
0.1
1
10
100
1000
10000
Output Current : IOUT (mA)
XCL211
XCL212
VIN=5.0V
1.6
1.7
1.8
1.9
2.0
0.1
1
10
100
1000
10000
Output Current : IOUT (mA)
XCL212
VIN=3.7V,5.0V
XCL211
VIN=3.7V,5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com