Electronic Components Datasheet Search
  English  ▼

X  

XCL211 Datasheet(PDF) 14 Page - Torex Semiconductor

Part # XCL211
Description  3.1mm횞4.7mm, h=1.3mm
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL211 Datasheet(HTML) 14 Page - Torex Semiconductor

Back Button XCL211 Datasheet HTML 8Page - Torex Semiconductor XCL211 Datasheet HTML 9Page - Torex Semiconductor XCL211 Datasheet HTML 10Page - Torex Semiconductor XCL211 Datasheet HTML 11Page - Torex Semiconductor XCL211 Datasheet HTML 12Page - Torex Semiconductor XCL211 Datasheet HTML 13Page - Torex Semiconductor XCL211 Datasheet HTML 14Page - Torex Semiconductor XCL211 Datasheet HTML 15Page - Torex Semiconductor XCL211 Datasheet HTML 16Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14/16
XCL211/XCL212 series
■
PACKAGING INFORMATION
●
USP-11B01 (unit:mm)
●
USP-11B01 Reference Pattern Layout (unit: mm)
●
USP-11B01 Reference Metal Mask Design (unit: mm)
4
5
6
(0.9)
(1.9)
(0.2)
1.0 ±0.05
0.25 ±0.05
(0.3)
(0.3)
3
1
2
97
8
10
11
3.1 ±0.1
1pin INDENT
(0.5)
(0.2)
2.2 ±0.1
(0.8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com