Electronic Components Datasheet Search
  English  ▼

X  

XCL211 Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XCL211
Description  3.1mm횞4.7mm, h=1.3mm
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL211 Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XCL211 Datasheet HTML 7Page - Torex Semiconductor XCL211 Datasheet HTML 8Page - Torex Semiconductor XCL211 Datasheet HTML 9Page - Torex Semiconductor XCL211 Datasheet HTML 10Page - Torex Semiconductor XCL211 Datasheet HTML 11Page - Torex Semiconductor XCL211 Datasheet HTML 12Page - Torex Semiconductor XCL211 Datasheet HTML 13Page - Torex Semiconductor XCL211 Datasheet HTML 14Page - Torex Semiconductor XCL211 Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11/16
XCL211/XCL212
Series
■
NOTE ON USE (Continued)
12) Instructions of pattern layouts
(1) In order to stabilize VIN voltage level, we recommend that that a by-pass capacitor (CIN) be connected as close as possible to PVIN pin, AVIN
pin and GND pins.
(2) Make sure to avoid noise from the PVIN pin to the AVIN pin.
(3) Please mount each external component as close to the IC as possible.
(4) Wire external components as close to the IC as possible and use thick, short connecting traces to reduce the circuit impedance.
(5) Make sure that the PCB GND traces are as thick as possible, as variations in ground potential caused by high ground currents at the time of
switching may result in instability of the IC.
(6) This series’ internal driver transistors bring on heat because of the output current and ON resistance of P-channel and N-channel MOS
driver transistors.
<Reference Pattern Layout>
<1st>
<2nd>
<4th>
<3rd>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com