Electronic Components Datasheet Search
  English  ▼

X  

XCL211 Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XCL211
Description  3.1mm횞4.7mm, h=1.3mm
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL211 Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XCL211 Datasheet HTML 6Page - Torex Semiconductor XCL211 Datasheet HTML 7Page - Torex Semiconductor XCL211 Datasheet HTML 8Page - Torex Semiconductor XCL211 Datasheet HTML 9Page - Torex Semiconductor XCL211 Datasheet HTML 10Page - Torex Semiconductor XCL211 Datasheet HTML 11Page - Torex Semiconductor XCL211 Datasheet HTML 12Page - Torex Semiconductor XCL211 Datasheet HTML 13Page - Torex Semiconductor XCL211 Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10/16
XCL211/XCL212 series
■
NOTE ON USE
1. Please use this IC within the stated maximum ratings. For temporary, transitional voltage drop or voltage rising phenomenon,
the IC is liable to malfunction should the ratings be exceeded.
2. Where wiring impedance is high, operations may become unstable due to noise and/or phase lag depending on output current.
Please wire the input capacitor (CIN) and the output capacitor (CL) as close to the IC as possible.
3. When the difference between VIN and VOUT is large in PWM control, very narrow pulses will be outputted, and there is the possibility that some
cycles may be skipped completely.
4. When the difference between VIN and VOUT is small, and the load current is heavy, very wide pulses will be outputted and there is the
possibility that some cycles may be skipped completely.
5. With the IC, the peak current of the coil is controlled by the current limit circuit. Since the peak current increases when dropout voltage or
load current is high, current limit starts operation, and this can lead to instability. When peak current becomes high, please adjust the coil
inductance value and fully check the circuit operation. In addition, please calculate the peak current according to the following formula:
Ipk = (VIN-VOUT)×OnDuty / (2×L×fOSC) + IOUT
L : Coil Inductance Value
fOSC: Oscillation Frequency
6. Use of the IC at voltages below the recommended voltage range may lead to instability.
7. This IC should be used within the stated absolute maximum ratings in order to prevent damage to the device.
8. When the IC is used in high temperature, output voltage may increase up to input voltage level at no load because of the leak current of the
P-channel driver transistor.
9. The XCL211/XCL212 uses fold-back circuit limiter. However, fold-back may become “droop” affected by the wiring conditions. Care must
be taken especially for CIN distance and position.
10. If CL capacitance reduction happens such as in the case of low temperature, the IC may enter unstable operation. Care must be taken for
CL capacitor selection and its capacitance value.
1ch VLx :2.0V/div
2ch VOUT :50mV/div
Ta = - 50℃
VIN = 3.6V, VOUT = 0.9V, fOSC = 2.4MHz
CIN = 20μF(Ceramic)
CL = 14.7μF(Ceramic)
IOUT = 300mA
11. Torex places an importance on improving our products and its reliability.
However, by any possibility, we would request user fail-safe design and post-aging treatment on system or equipment.
x-axis : 2.0μs / div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com