Electronic Components Datasheet Search
  English  ▼

X  

MUX508 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # MUX508
Description  Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MUX508 Datasheet(HTML) 21 Page - Texas Instruments

Back Button MUX508 Datasheet HTML 17Page - Texas Instruments MUX508 Datasheet HTML 18Page - Texas Instruments MUX508 Datasheet HTML 19Page - Texas Instruments MUX508 Datasheet HTML 20Page - Texas Instruments MUX508 Datasheet HTML 21Page - Texas Instruments MUX508 Datasheet HTML 22Page - Texas Instruments MUX508 Datasheet HTML 23Page - Texas Instruments MUX508 Datasheet HTML 24Page - Texas Instruments MUX508 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
VDD
VDD
VSS
VSS
GND
0.1 µF
Audio Precision
VOUT
S
D
VS
5 Vrms
RL
10
NŸ
IN
VIN
RS
0.1 µF
2
1
V
Attenuation
20 Log
V
§
·
˜
¨
¸
©
¹
Network Analyzer
VOUT
S
D
VS
V1
V2
VDD
VDD
VSS
VSS
0.1 µF
0.1 µF
RL
50
Ÿ
50
GND
21
MUX508, MUX509
www.ti.com
SBAS758A – JANUARY 2016 – REVISED MARCH 2016
Product Folder Links: MUX508 MUX509
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.11 Bandwidth
Bandwidth is defined as the range of frequencies that are attenuated by < 3 dB when the input is applied to the
source pin of an on-channel and the output is measured at the drain pin of the MUX50x. Figure 35 shows the
setup used to measure bandwidth of the mux. Use Equation 4 to compute the attenuation.
Figure 35. Bandwidth Measurement Setup
(4)
8.12 THD + Noise
The total harmonic distortion (THD) of a signal is defined as the ratio of the sum of the powers of all harmonic
components to the power of the fundamental frequency at the mux output. The on-resistance of the MUX50x
varies with the amplitude of the input signal and results in distortion when the drain pin is connected to a low-
impedance load. Total harmonic distortion plus noise is denoted as THD+N. Figure 36 shows the setup used to
measure the THD+N of the MUX50x.
Figure 36. THD+N Measurement Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com