Electronic Components Datasheet Search
  English  ▼

X  

MUX508 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # MUX508
Description  Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MUX508 Datasheet(HTML) 7 Page - Texas Instruments

Back Button MUX508 Datasheet HTML 3Page - Texas Instruments MUX508 Datasheet HTML 4Page - Texas Instruments MUX508 Datasheet HTML 5Page - Texas Instruments MUX508 Datasheet HTML 6Page - Texas Instruments MUX508 Datasheet HTML 7Page - Texas Instruments MUX508 Datasheet HTML 8Page - Texas Instruments MUX508 Datasheet HTML 9Page - Texas Instruments MUX508 Datasheet HTML 10Page - Texas Instruments MUX508 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
7
MUX508, MUX509
www.ti.com
SBAS758A – JANUARY 2016 – REVISED MARCH 2016
Product Folder Links: MUX508 MUX509
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics: Dual Supply (continued)
at TA = 25°C, VDD = 15 V, and VSS = –15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(2)
Specified by design, not production tested.
SWITCH DYNAMICS(2)
tON
Enable turn-on time
VS = ±10 V, RL = 300 Ω,
CL= 35 pF
88
136
ns
TA = –40°C to +85°C
144
TA = –40°C to +125°C
151
tOFF
Enable turn-off time
VS = ±10 V, RL = 300 Ω,
CL= 35 pF
63
75
ns
TA = –40°C to +85°C
83
TA = –40°C to +125°C
90
tt
Transition time
VS = 10 V, RL = 300 Ω,
CL= 35 pF,
92
143
ns
TA = –40°C to +85°C
151
TA = –40°C to +125°C
157
tBBM
Break-before-make time
delay
VS = 10 V, RL = 300 Ω, CL= 35 pF, TA = –40°C to +125°C
30
54
ns
QJ
Charge injection
CL = 1 nF, RS = 0 Ω
VS = 0 V
0.3
pC
VS = –15 V to +15 V
±0.6
Off-isolation
RL = 50 Ω, VS = 1 VRMS,
f = 1 MHz
Nonadjacent channel to D, DA, DB
–96
dB
Adjacent channel to D, DA, DB
–85
Channel-to-channel
crosstalk
RL = 50 Ω, VS = 1 VRMS,
f = 1 MHz
Nonadjacent channels
–96
dB
Adjacent channels
–88
CS(OFF)
Input off-capacitance
f = 1 MHz, VS = 0 V
2.4
2.9
pF
CD(OFF)
Output off-capacitance
f = 1 MHz, VS = 0 V
MUX508
7.5
8.4
pF
MUX509
4.3
5
CD(ON)
Input/Output on-
capacitance
f = 1 MHz, VS = 0 V
MUX508
9.4
10.6
pF
MUX509
6.7
7.7
POWER SUPPLY
VDD supply current
All VA = 0 V or 3.3 V,
VS = 0 V, VEN = 3.3 V,
45
59
µA
TA = –40°C to +85°C
62
TA = –40°C to +125°C
83
VSS supply current
All VA = 0 V or 3.3 V,
VS = 0 V, VEN = 3.3 V,
25
34
µA
TA = –40°C to +85°C
37
TA = –40°C to +125°C
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com