Electronic Components Datasheet Search
  English  ▼

X  

MUX508 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # MUX508
Description  Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MUX508 Datasheet(HTML) 13 Page - Texas Instruments

Back Button MUX508 Datasheet HTML 9Page - Texas Instruments MUX508 Datasheet HTML 10Page - Texas Instruments MUX508 Datasheet HTML 11Page - Texas Instruments MUX508 Datasheet HTML 12Page - Texas Instruments MUX508 Datasheet HTML 13Page - Texas Instruments MUX508 Datasheet HTML 14Page - Texas Instruments MUX508 Datasheet HTML 15Page - Texas Instruments MUX508 Datasheet HTML 16Page - Texas Instruments MUX508 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
0
3
6
9
12
15
18
0
3
6
9
12
Source or Drain Voltage (V)
C022
C
D(OFF)
C
D(ON)
C
S(OFF)
0
3
6
9
12
15
18
0
3
6
9
12
Source or Drain Voltage (V)
C027
C
D(OFF)
C
D(ON)
C
S(OFF)
0
3
6
9
12
15
18
0
5
10
15
20
25
30
Source Voltage (V)
C016
C
D(OFF)
C
D(ON)
C
S(OFF)
0
3
6
9
12
15
18
0
5
10
15
20
25
30
Source or Drain Voltage (V)
C028
C
D(OFF)
C
D(ON)
C
S(OFF)
0
3
6
9
12
15
18
±15
±10
±5
0
5
10
15
Source Voltage (V)
C015
C
D(OFF)
C
D(ON)
C
S(OFF)
0
3
6
9
12
15
18
±15
±10
±5
0
5
10
15
Source or Drain Voltage (V)
C026
C
D(OFF)
C
D(ON)
C
S(OFF)
13
MUX508, MUX509
www.ti.com
SBAS758A – JANUARY 2016 – REVISED MARCH 2016
Product Folder Links: MUX508 MUX509
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VDD = 15 V, and VSS = –15 V (unless otherwise noted)
MUX508, VDD = 15 V, VSS = –15 V
Figure 19. Capacitance vs Source Voltage
MUX509, VDD = 15 V, VSS = –15 V
Figure 20. Capacitance vs Source Voltage
MUX508, VDD = 30 V, VSS = 0 V
Figure 21. Capacitance vs Source Voltage
MUX509, VDD = 30 V, VSS = 0 V
Figure 22. Capacitance vs Source Voltage
MUX508, VDD = 12 V, VSS = 0 V
Figure 23. Capacitance vs Source Voltage
MUX509, VDD = 12 V, VSS = 0 V
Figure 24. Capacitance vs Source Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com