Electronic Components Datasheet Search
  English  ▼

X  

MUX508 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # MUX508
Description  Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MUX508 Datasheet(HTML) 6 Page - Texas Instruments

Back Button MUX508 Datasheet HTML 2Page - Texas Instruments MUX508 Datasheet HTML 3Page - Texas Instruments MUX508 Datasheet HTML 4Page - Texas Instruments MUX508 Datasheet HTML 5Page - Texas Instruments MUX508 Datasheet HTML 6Page - Texas Instruments MUX508 Datasheet HTML 7Page - Texas Instruments MUX508 Datasheet HTML 8Page - Texas Instruments MUX508 Datasheet HTML 9Page - Texas Instruments MUX508 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
6
MUX508, MUX509
SBAS758A – JANUARY 2016 – REVISED MARCH 2016
www.ti.com
Product Folder Links: MUX508 MUX509
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
MUX50x
UNIT
PW (TSSOP)
16 PINS
RθJA
Junction-to-ambient thermal resistance
103.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
36.8
°C/W
RθJB
Junction-to-board thermal resistance
49.8
°C/W
ψJT
Junction-to-top characterization parameter
2.7
°C/W
ψJB
Junction-to-board characterization parameter
49.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
When VS is positive, VD is negative, and vice versa.
7.5 Electrical Characteristics: Dual Supply
at TA = 25°C, VDD = 15 V, and VSS = –15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG SWITCH
Analog signal range
TA = –40°C to +125°C
VSS
VDD
V
RON
On-resistance
VS = 0 V, ICH = 1 mA
125
170
Ω
VS = ±10 V, ICH = 1 mA
145
200
TA = –40°C to +85°C
230
TA = –40°C to +125°C
250
ΔRON
On-resistance mismatch
between channels
VS = ±10 V, ICH = 1 mA
2.4
6
Ω
TA = –40°C to +85°C
9
TA = –40°C to +125°C
11
RFLAT
On-resistance flatness
VS = 10 V, 0 V, –10 V
22
45
Ω
TA = –40°C to +85°C
53
TA = –40°C to +125°C
58
On-resistance drift
VS = 0 V
0.52
%/°C
IS(OFF)
Input leakage current
Switch state is off,
VS = ±10 V, VD = ±10 V
(1)
–1
0.01
1
nA
TA = –40°C to +85°C
–10
10
TA = –40°C to +125°C
–25
25
ID
Output leakage current
Switch state is off,
S = ±10 V, D = ±10 V(1)
–1
0.01
1
nA
TA = -40°C to +85°C
–10
10
TA = -40°C to +125°C
–50
50
Switch state is on,
D = ±10 V, S = floating
–1
0.01
1
nA
TA = –40°C to +85°C
–10
10
TA = –40°C to +125°C
–50
50
LOGIC INPUT
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
ID
Input current
0.15
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com