Electronic Components Datasheet Search
  English  ▼

X  

MUX508 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # MUX508
Description  Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MUX508 Datasheet(HTML) 8 Page - Texas Instruments

Back Button MUX508 Datasheet HTML 4Page - Texas Instruments MUX508 Datasheet HTML 5Page - Texas Instruments MUX508 Datasheet HTML 6Page - Texas Instruments MUX508 Datasheet HTML 7Page - Texas Instruments MUX508 Datasheet HTML 8Page - Texas Instruments MUX508 Datasheet HTML 9Page - Texas Instruments MUX508 Datasheet HTML 10Page - Texas Instruments MUX508 Datasheet HTML 11Page - Texas Instruments MUX508 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
8
MUX508, MUX509
SBAS758A – JANUARY 2016 – REVISED MARCH 2016
www.ti.com
Product Folder Links: MUX508 MUX509
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Specified by design, not production tested.
(2)
When VS is 1 V, VD is 10 V, and vice versa.
7.6 Electrical Characteristics: Single Supply
(1)
at TA = 25°C, VDD = 12 V, and VSS = 0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG SWITCH
Analog signal range
TA = –40°C to +125°C
VSS
VDD
V
RON
On-resistance
VS = 10 V, ICH = 1 mA
235
340
Ω
TA = –40°C to +85°C
390
TA = –40°C to +125°C
430
ΔRON
On-resistance match
VS = 10 V, ICH = 1 mA
3.1
12
Ω
TA = –40°C to +85°C
19
TA = –40°C to +125°C
23
On-resistance drift
VS = 0 V
0.47
%/°C
IS(OFF)
Input leakage current
Switch state is off,
VS = 1 V and VD = 10 V,
or VS = 10 V and VD = 1 V
(2)
–-0.04
0.001
0.04
nA
TA = –40°C to +85°C
–0.15
0.15
TA = –40°C to +125°C
–1.9
1.9
ID
Output leakage current
Switch state is off,
VS = 1 V and VD = 10 V,
or VS = 10 V and VD = 1 V
(2)
–0.1
0.005
0.1
nA
TA = –40°C to +85°C
–0.5
0.5
TA = –40°C to +125°C
–2
2
Switch state is on,
D = 1 V and 10 V, S =
floating
–0.1
0.008
0.1
nA
TA = –40°C to +85°C
–0.5
0.5
TA = –40°C to +125°C
–3.3
3.3
LOGIC INPUT
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
ID
Input current
0.15
µA
SWITCH DYNAMIC CHARACTERISTICS
tON
Enable turn-on time
VS = 8 V, RL = 300 Ω,
CL= 35 pF
85
140
ns
TA = –40°C to +85°C
145
TA = –40°C to +125°C
149
tOFF
Enable turn-off time
VS = 8 V, RL = 300 Ω,
CL= 35 pF
48
83
ns
TA = –40°C to +85°C
94
TA = –40°C to +125°C
102
tt
Transition time
VS = 8 V, CL= 35 pF
87
147
ns
VS = 8 V, RL = 300 Ω,
CL= 35 pF,
TA = –40°C to +85°C
153
VS = 8 V, RL = 300 Ω,
CL= 35 pF,
TA = –40°C to +125°C
155
tBBM
Break-before-make time
delay
VS = 8 V, RL = 300 Ω, CL= 35 pF, TA = –40°C to +125°C
30
54
ns
QJ
Charge injection
CL = 1 nF, RS = 0 Ω
VS = 6 V
0.15
pC
VS = 0 V to 12 V,
±0.4
Off-isolation
RL = 50 Ω, VS = 1 VRMS,
f = 1 MHz
Nonadjacent channel to D, DA, DB
-96
dB
Adjacent channel to D, DA, DB
-85
Channel-to-channel
crosstalk
RL = 50 Ω, VS = 1 VRMS,
f = 1 MHz
Nonadjacent channels
–96
dB
Adjacent channels
-88
CS(OFF)
Input off-capacitance
f = 1 MHz, VS = 6 V
2.7
3.2
pF
CD(OFF)
Output off-capacitance
f = 1 MHz, VS = 6 V
MUX508
9.1
10
pF
MUX509
5
5.7
CD(ON)
Input/Output on-
capacitance
f = 1 MHz, VS = 6 V
MUX508
10.8
12
pF
MUX509
6.9
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com