Electronic Components Datasheet Search
  English  ▼

X  

MUX508IPWR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # MUX508IPWR
Description  Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MUX508IPWR Datasheet(HTML) 19 Page - Texas Instruments

Back Button MUX508IPWR Datasheet HTML 15Page - Texas Instruments MUX508IPWR Datasheet HTML 16Page - Texas Instruments MUX508IPWR Datasheet HTML 17Page - Texas Instruments MUX508IPWR Datasheet HTML 18Page - Texas Instruments MUX508IPWR Datasheet HTML 19Page - Texas Instruments MUX508IPWR Datasheet HTML 20Page - Texas Instruments MUX508IPWR Datasheet HTML 21Page - Texas Instruments MUX508IPWR Datasheet HTML 22Page - Texas Instruments MUX508IPWR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
VDD
VSS
MUX508
A0
A1
A2
VEN
RS
VS
EN
S
GND
CL
1 nF
D
VOUT
VOUT
VEN
3 V
VOUT
QINJ = CL ×
VOUT
VDD
VSS
19
MUX508, MUX509
www.ti.com
SBAS758A – JANUARY 2016 – REVISED MARCH 2016
Product Folder Links: MUX508 MUX509
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.8 Charge Injection
The MUX50x have a simple transmission-gate topology. Any mismatch in capacitance between the NMOS and
PMOS transistors results in a charge injected into the drain or source during the falling or rising edge of the gate
signal. The amount of charge injected into the source or drain of the device is known as charge injection, and is
denoted by the symbol QINJ. Figure 32 shows the setup used to measure charge injection.
Figure 32. Charge-Injection Measurement Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com