Electronic Components Datasheet Search
  English  ▼

X  

MUX508IPWR Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # MUX508IPWR
Description  Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MUX508IPWR Datasheet(HTML) 24 Page - Texas Instruments

Back Button MUX508IPWR Datasheet HTML 20Page - Texas Instruments MUX508IPWR Datasheet HTML 21Page - Texas Instruments MUX508IPWR Datasheet HTML 22Page - Texas Instruments MUX508IPWR Datasheet HTML 23Page - Texas Instruments MUX508IPWR Datasheet HTML 24Page - Texas Instruments MUX508IPWR Datasheet HTML 25Page - Texas Instruments MUX508IPWR Datasheet HTML 26Page - Texas Instruments MUX508IPWR Datasheet HTML 27Page - Texas Instruments MUX508IPWR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
±9
±6
±3
0
3
6
9
±15
±10
±5
0
5
10
15
Drain voltage (V)
C011
V
DD = 12 V
V
SS = 0 V
V
DD = 10 V
V
SS = ±10 V
V
DD = 15 V
V
SS = ±15 V
±2
±1
0
1
2
±15
±10
±5
0
5
10
15
Source Voltage (V)
C025
V
DD = 12 V
V
SS = 0 V
V
DD = 10 V
V
SS = ±10 V
V
DD = 15 V
V
SS = ±15 V
24
MUX508, MUX509
SBAS758A – JANUARY 2016 – REVISED MARCH 2016
www.ti.com
Product Folder Links: MUX508 MUX509
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 39. Source-to-Drain Charge Injection vs Source or Drain voltage
The drain-to-source charge injection becomes important when the device is used as a demultiplexer (demux),
where D becomes the input and Sx becomes the output. Figure 40 shows the drain-to-source charge injection
across the full signal range.
Figure 40. Drain-to-Source Charge Injection vs Source or Drain voltage
9.3.3 Bidirectional Operation
The MUX50x are operable as both a mux or demux. The source (Sx, SxA, SxB) and drain (D, DA, DB) pins of
the MUX50x are used either as input or output. Each MUX50x channel has very similar characteristics in both
directions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com