Electronic Components Datasheet Search
  English  ▼

X  

MUX508IPWR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # MUX508IPWR
Description  Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MUX508IPWR Datasheet(HTML) 23 Page - Texas Instruments

Back Button MUX508IPWR Datasheet HTML 19Page - Texas Instruments MUX508IPWR Datasheet HTML 20Page - Texas Instruments MUX508IPWR Datasheet HTML 21Page - Texas Instruments MUX508IPWR Datasheet HTML 22Page - Texas Instruments MUX508IPWR Datasheet HTML 23Page - Texas Instruments MUX508IPWR Datasheet HTML 24Page - Texas Instruments MUX508IPWR Datasheet HTML 25Page - Texas Instruments MUX508IPWR Datasheet HTML 26Page - Texas Instruments MUX508IPWR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
S
D
CGDP
CGDN
CGSN
CGSP
OFF ON
OFF ON
±900
±600
±300
0
300
600
900
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C006
I
D(ON)+
I
D(OFF)+
I
S(OFF)+
I
S(OFF)
±
I
D(OFF)
±
I
D(ON)
±
23
MUX508, MUX509
www.ti.com
SBAS758A – JANUARY 2016 – REVISED MARCH 2016
Product Folder Links: MUX508 MUX509
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9.3 Feature Description
9.3.1 Ultralow Leakage Current
The MUX50x provide extremely low on- and off-leakage currents. The MUX50x are capable of switching signals
from high source-impedance inputs into a high input-impedance op amp with minimal offset error because of
these ultralow leakage currents. Figure 37 shows typical leakage currents of the MUX50x versus temperature.
Figure 37. Leakage Current vs Temperature
9.3.2 Ultralow Charge Injection
The MUX50x have a simple transmission gate topology, as shown in Figure 38. Any mismatch in the stray
capacitance associated with the NMOS and PMOS transistors creates an output level change whenever the
switch is opened or closed.
Figure 38. Transmission Gate Topology
The MUX50x have special charge-injection cancellation circuitry that reduces the source-to-drain charge injection
to as low as 0.3 pC at VS = 0 V, and ±0.6 pC in the full signal range, as shown in Figure 39.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com