Electronic Components Datasheet Search
  English  ▼

X  

MUX508IPWR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # MUX508IPWR
Description  Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MUX508IPWR Datasheet(HTML) 26 Page - Texas Instruments

Back Button MUX508IPWR Datasheet HTML 22Page - Texas Instruments MUX508IPWR Datasheet HTML 23Page - Texas Instruments MUX508IPWR Datasheet HTML 24Page - Texas Instruments MUX508IPWR Datasheet HTML 25Page - Texas Instruments MUX508IPWR Datasheet HTML 26Page - Texas Instruments MUX508IPWR Datasheet HTML 27Page - Texas Instruments MUX508IPWR Datasheet HTML 28Page - Texas Instruments MUX508IPWR Datasheet HTML 29Page - Texas Instruments MUX508IPWR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
ADS8864
REF
VINP
VINM
+
+
+
Antialiasing
Filter
Gain Network
Gain Network
Gain Network
High-Voltage Level Translation
VCM
High-Voltage Multiplexed Input
Reference Driver
REF3140
RC Filter
OPA350
RC Filter
Analog Inputs
LED
Photo
Detector
Bridge Sensor
Thermocouple
Current Sensing
Optical Sensor
OPA192
OPA192
OPA192
MUX509
26
MUX508, MUX509
SBAS758A – JANUARY 2016 – REVISED MARCH 2016
www.ti.com
Product Folder Links: MUX508 MUX509
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
10 Applications and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
The MUX50x family offers outstanding input/output leakage currents and ultralow charge injection. These devices
operate up to 36 V, and offer true rail-to-rail input and output. The on-capacitance of the MUX50x is very low.
These features makes the MUX50x a precision, robust, high-performance analog multiplexer for high-voltage,
industrial applications.
10.2 Typical Application
Figure 42 shows a 16-bit, differential, four-channel, multiplexed, data-acquisition system. This example is typical
in industrial applications that require low distortion and a high-voltage differential input. The circuit uses the
ADS8864, a 16-bit, 400-kSPS successive-approximation-resistor (SAR) analog-to-digital converter (ADC), along
with a precision, high-voltage, signal-conditioning front end, and a four-channel differential mux. This application
example details the process for optimizing a precision, high-voltage, front-end drive circuit using the MUX509,
OPA192 and OPA140 to achieve excellent dynamic performance and linearity with the ADS8864.
Figure 42. 16-Bit Precision Multiplexed Data-Acquisition System for High-Voltage Inputs With Lowest
Distortion
10.2.1 Design Requirements
The primary objective is to design a ±20 V, differential, four-channel, multiplexed, data-acquisition system with
lowest distortion using the 16-bit ADS8864 at a throughput of 400 kSPS for a 10-kHz, full-scale, pure, sine-wave
input. The design requirements for this block design are:
•
System supply voltage: ±15 V
•
ADC supply voltage: 3.3 V
•
ADC sampling rate: 400 kSPS
•
ADC reference voltage (REFP): 4.096 V
•
System input signal: A high-voltage differential input signal with a peak amplitude of 20 V and frequency
(fIN) of 10 kHz are applied to each differential input of the mux.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com