Electronic Components Datasheet Search
  English  ▼

X  

ADC12762 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12762
Description  12-Bit, 1.4 MHz, 300 mW A/D Converter with Input Multiplexer and Sample/Hold
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12762 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC12762 Datasheet HTML 1Page - National Semiconductor (TI) ADC12762 Datasheet HTML 2Page - National Semiconductor (TI) ADC12762 Datasheet HTML 3Page - National Semiconductor (TI) ADC12762 Datasheet HTML 4Page - National Semiconductor (TI) ADC12762 Datasheet HTML 5Page - National Semiconductor (TI) ADC12762 Datasheet HTML 6Page - National Semiconductor (TI) ADC12762 Datasheet HTML 7Page - National Semiconductor (TI) ADC12762 Datasheet HTML 8Page - National Semiconductor (TI) ADC12762 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DC Electrical Characteristics
The following specifications apply for DV
CC = AVCC = +5V, VREF+(SENSE) = +4.096V, VREF−(SENSE) = AGND, and fs =
1.4 MHz, unless otherwise specified. Boldface limits apply for T
A = TJ from TMIN to TMAX; all other limits TA = TJ = +25˚C.
Symbol
Parameter
Conditions
Typ
Limit
Units
(Note 7)
(Note 8)
(Limit)
V
IN(1)
Logical “1” Input Voltage
DV
CC = AVCC = +5.5V
2.0
V (min)
V
IN(0)
Logical “0” Input Voltage
DV
CC = AVCC = +4.5V
0.8
V (max)
I
IN(1)
Logical “1” Input Current
0.1
1.0
µA (max)
I
IN(0)
Logical “0” Input Current
0.1
1.0
µA (max)
V
OUT(1)
Logical “1” Output Voltage
DV
CC = AVCC = +4.5V,
I
OUT = −360 µA
2.4
V (min)
I
OUT = −100 µA
4.25
V (min)
V
OUT(0)
Logical “0” Output Voltage
DV
CC = AVCC = +4.5V,
0.4
V (max)
I
OUT = 1.6 mA
I
OUT
TRI-STATE® Output
Pins DB0–DB11
0.1
3
µA (max)
Leakage Current
C
OUT
TRI-STATE Output Capacitance
Pins DB0–DB11
5
pF
C
IN
Digital Input Capacitance
4
pF
DI
CC
DV
CC Supply Current
2
10
mA (max)
AI
CC
AV
CC Supply Current
32
50
mA (max)
I
STANDBY
Standby Current (DI
CC +AICC)PD = 0V
50
µA
AC Electrical Characteristics
The following specifications apply for DV
CC = AVCC = +5V, VREF+(SENSE) = +4.096V, VREF−(SENSE) = AGND, and fs =
1.4 MHz, unless otherwise specified. Boldface limits apply for T
A = TJ from TMIN to TMAX; all other limits TA = TJ = +25˚C.
Symbol
Parameter
Conditions
Typ
Limit
Units
(Note 7)
(Note 8)
(Limits)
f
s
Maximum Sampling Rate
1.5
MHz (min)
(1/t
THROUGHPUT)
t
CONV
Conversion Time
593
560
ns (min)
(S/H Low to EOC High)
710
ns (max)
t
AD
Aperture Delay
20
ns
(S/H Low to Input Voltage Held)
t
S/H
S/H Pulse Width
10
5
ns (min)
400
ns (max)
t
EOC
S/H Low to EOC Low
90
60
ns (min)
126
ns (max)
t
ACC
Access Time
C
L = 100 pF
10
20
ns (max)
(RD Low or OE High to Data Valid)
t
1H,t0H
TRI-STATE Control
R
L = 1k, CL = 10 pF
25
40
ns (max)
(RD High or OE Low to Databus TRI-STATE)
t
INTH
Delay from RD Low to INT High
C
L = 100 pF
35
60
ns (max)
t
INTL
Delay from EOC High to INT Low
C
L = 100 pF
−25
−35
ns (min)
−10
ns (max)
t
UPDATE
EOC High to New Data Valid
5
15
ns (max)
t
MS
Multiplexer Address Setup Time
50
ns (min)
(MUX Address Valid to EOC Low)
t
MH
Multiplexer Address Hold Time
50
ns (min)
(EOC Low to MUX Address Invalid)
t
CSS
CS Setup Time
20
ns (min)
(CS Low to RD Low, S/H Low, or OE High)
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com