Electronic Components Datasheet Search
  English  ▼

X  

ADC12762 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12762
Description  12-Bit, 1.4 MHz, 300 mW A/D Converter with Input Multiplexer and Sample/Hold
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12762 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button ADC12762 Datasheet HTML 8Page - National Semiconductor (TI) ADC12762 Datasheet HTML 9Page - National Semiconductor (TI) ADC12762 Datasheet HTML 10Page - National Semiconductor (TI) ADC12762 Datasheet HTML 11Page - National Semiconductor (TI) ADC12762 Datasheet HTML 12Page - National Semiconductor (TI) ADC12762 Datasheet HTML 13Page - National Semiconductor (TI) ADC12762 Datasheet HTML 14Page - National Semiconductor (TI) ADC12762 Datasheet HTML 15Page - National Semiconductor (TI) ADC12762 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Applications Information (Continued)
THE ANALOG INPUT
The analog input of the ADC12762 can be modeled as two
small resistances in series with the capacitance of the input
hold capacitor (C
IN), as shown in Figure 7. The S/H switch is
closed during the Sample period, and open during Hold. The
source has to charge C
IN to the input voltage within the
sample period. Note that the source impedance of the input
voltage (R
SOURCE) has a direct effect on the time it takes to
charge C
IN.IfRSOURCE is too large, the voltage across CIN
will not settle to within 0.5 LSBs of V
SOURCE before the con-
version begins, and the conversion results will be incorrect.
From a dynamic performance viewpoint, the combination of
R
SOURCE,RMUX,RSW, and CIN form a low pass filter. Mini-
mizing R
SOURCE will increase the frequency response of the
input stage of the converter.
Typical values for the components shown in
Figure 7 are:
R
MUX = 100Ω,RSW = 100Ω, and CIN = 25 pF. The settling
time to n bits is:
t
SETTLE = (RSOURCE +RMUX +RSW) * CIN * n * ln (2).
The bandwidth of the input circuit is:
f
−3dB = 1/(2 * 3.14 * (RSOURCE +RMUX +RSW) * CIN)
The ADC12762 is operated in a pipelined sequence, with
one hold capacitor acquiring the next sample while a conver-
sion is being performed on the voltage stored on the other
hold capacitor. This gives the source over t
CONV seconds to
charge the hold capacitor to its final value. At 1.4 MHz, the
settling time must be less than 714 ns. Using the settling
time equation and component values given, the maximum
source impedance that will allow the input to settle to 1⁄2 LSB
(n = 13) at full speed is
∼3kΩ. To ensure 1⁄2 LSB settling over
temperature
and
device-to-device
variation,
R
SOURCE
should be a maximum of 500
Ω when the converter is oper-
ated at full speed.
If the signal source has a high output impedance, its output
should be buffered with an operational amplifier capable of
driving a switched 25 pF/100
Ω load. Any ringing or instabili-
ties at the op amp’s output during the sampling period can
result in conversion errors. The LM6361 high speed op amp
is a good choice for this application due to its speed and its
ability to drive large capacitive loads.
Figure 8 shows the
LM6361 driving the ADC IN input of an ADC12762. The
100 pF capacitor at the input of the converter absorbs some
of the high frequency transients generated by the S/H
DS012811-28
FIGURE 5. The Capacitive Voltage Divider
DS012811-29
FIGURE 6. ADC Control Logic
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com