Electronic Components Datasheet Search
  English  ▼

X  

ADC12762 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12762
Description  12-Bit, 1.4 MHz, 300 mW A/D Converter with Input Multiplexer and Sample/Hold
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12762 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button ADC12762 Datasheet HTML 10Page - National Semiconductor (TI) ADC12762 Datasheet HTML 11Page - National Semiconductor (TI) ADC12762 Datasheet HTML 12Page - National Semiconductor (TI) ADC12762 Datasheet HTML 13Page - National Semiconductor (TI) ADC12762 Datasheet HTML 14Page - National Semiconductor (TI) ADC12762 Datasheet HTML 15Page - National Semiconductor (TI) ADC12762 Datasheet HTML 16Page - National Semiconductor (TI) ADC12762 Datasheet HTML 17Page - National Semiconductor (TI) ADC12762 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Applications Information (Continued)
ANALOG MULTIPLEXER
The ADC12762 has an input multiplexer that is controlled by
the logic level on pin S0 when EOC goes low, as shown in
Figure 1 and Figure 2. Multiplexer setup and hold times with
respect to the S/H input can be determined by these two
equations:
t
MS (wrt S/H) = tMS −tEOC (min) = 50−60 = −10 ns
t
MH (wrt S/H) = tMH +tEOC (max) = 50 + 125 = 175 ns
Note that t
MS (wrt S/H) is a negative number; this indicates that
the data on S0 must become valid within 10 ns after S/H
goes low in order to meet the setup time requirements. S0
must be valid for a length of
(t
MH +tEOC (max))−(tMS −tEOC (min)) = 185 ns.
Table 1 shows how the input channels are assigned:
TABLE 1. ADC12762 Input
Multiplexer Programming
S0
Channel
0V
IN1
1V
IN2
The output of the multiplexer is available to the user via the
MUX OUT pin. This output allows the user to perform addi-
tional signal processing, such as filtering or gain, before the
signal is returned to the ADC IN input and digitized. If no ad-
ditional signal processing is required, the MUX OUT pin
should be tied directly to the ADC IN pin.
See Section 9.0 (APPLICATIONS) for a simple circuit that
will alternate between the two inputs while converting at full
speed.
REFERENCE INPUTS
In addition to the fully differential V
REF+ and VREF− reference
inputs used on most National Semiconductor ADCs, the
ADC12762 has two sense outputs for precision control of the
ladder voltage. These sense inputs compensate for errors
due to IR drops between the reference source and the ladder
itself. The resistance of the reference ladder may be 750
Ω.
The parasitic resistance (R
P) of the package leads, bond
wires, PCB traces, etc. can easily be 0.5
Ω to 1.0Ω or more.
This may not be significant at 8-bit or 10-bit resolutions, but
at 12 bits it can introduce voltage drops causing offset and
gain errors as large as 6 LSBs.
The ADC12762 provides a means to eliminate this error by
bringing out two additional pins that sense the exact voltage
at the top and bottom of the ladder. With the addition of two
op amps, the voltages on these internal nodes can be forced
to the exact value desired, as shown in
Figure 10.
DS012811-32
FIGURE 9. Input Protection
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com