Electronic Components Datasheet Search
  English  ▼

X  

ADC12762 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12762
Description  12-Bit, 1.4 MHz, 300 mW A/D Converter with Input Multiplexer and Sample/Hold
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12762 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button ADC12762 Datasheet HTML 5Page - National Semiconductor (TI) ADC12762 Datasheet HTML 6Page - National Semiconductor (TI) ADC12762 Datasheet HTML 7Page - National Semiconductor (TI) ADC12762 Datasheet HTML 8Page - National Semiconductor (TI) ADC12762 Datasheet HTML 9Page - National Semiconductor (TI) ADC12762 Datasheet HTML 10Page - National Semiconductor (TI) ADC12762 Datasheet HTML 11Page - National Semiconductor (TI) ADC12762 Datasheet HTML 12Page - National Semiconductor (TI) ADC12762 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Connection Diagrams
Pin Descriptions
AV
CC
These are the two positive analog supply
inputs. They should always be con-
nected to the same voltage source, but
are brought out separately to allow for
separate bypass capacitors. Each supply
pin should be bypassed to AGND with a
0.1 µF ceramic capacitor in parallel with
a 10 µF tantalum capacitor.
DV
CC
This is the positive digital supply input. It
should always be connected to the same
voltage as the analog supply, AV
CC.It
should be bypassed to DGND2 with a
0.1 µF ceramic capacitor in parallel with
a 10 µF tantalum capacitor.
AGND,
DGND1,
DGND2
These are the power supply ground pins.
There are separate analog and digital
ground pins for separate bypassing of
the analog and digital supplies. The
ground pins should be connected to a
stable, noise-free system ground. All of
the ground pins should be returned to the
same potential. AGND is the analog
ground for the converter. DGND1 is the
ground pin for the digital control lines.
DGND2 is the ground return for the out-
put databus. See Section 6.0 LAYOUT
AND GROUNDING for more information.
DB0–DB11
These are the TRI-STATE output pins,
enabled by RD, CS, and OE.
V
IN1,VIN2
These are the analog input pins to the
multiplexer. For accurate conversions,
no input pin (even one that is not se-
lected) should be driven more than 50
mV below ground or 50 mV above V
CC.
MUX OUT
This is the output of the on-board analog
input multiplexer.
ADC IN
This is the direct input to the 12-bit sam-
pling A/D converter. For accurate conver-
sions, this pin should not be driven more
than 50 mV below ground or 50 mV
above V
CC.
S0
This pin selects the analog input that will
be connected to the ADC12762 during
the conversion. The input is selected
based on the state of S0 when EOC
makes its high-to-low transition. Low se-
lects V
IN1, high selects VIN2.
MODE
This pin should be tied to DGND1.
CS
This is the active low Chip Select control
input. When low, this pin enables the RD,
S/H, and OE inputs. This pin can be tied
low.
INT
This is the active low Interrupt output.
When using the Interrupt Interface Mode
(
Figure 1), this output goes low when a
conversion has been completed and indi-
cates that the conversion result is avail-
able in the output latches. This output is
always high when RD is held low (
Figure
2).
EOC
This is the End-of-Conversion control
output. This output is low during a con-
version.
RD
This is the active low Read control input.
When RD is low (and CS is low), the INT
output is reset and (if OE is high) data
appears on the data bus. This pin can be
tied low.
DS012811-26
Top View
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com