Electronic Components Datasheet Search
  English  ▼

X  

ADC12762 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12762
Description  12-Bit, 1.4 MHz, 300 mW A/D Converter with Input Multiplexer and Sample/Hold
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12762 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button ADC12762 Datasheet HTML 11Page - National Semiconductor (TI) ADC12762 Datasheet HTML 12Page - National Semiconductor (TI) ADC12762 Datasheet HTML 13Page - National Semiconductor (TI) ADC12762 Datasheet HTML 14Page - National Semiconductor (TI) ADC12762 Datasheet HTML 15Page - National Semiconductor (TI) ADC12762 Datasheet HTML 16Page - National Semiconductor (TI) ADC12762 Datasheet HTML 17Page - National Semiconductor (TI) ADC12762 Datasheet HTML 18Page - National Semiconductor (TI) ADC12762 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Applications Information (Continued)
Since the current flowing through the SENSE lines is essen-
tially zero, there is negligible voltage drop across R
S and the
1k
Ω resistor, so the voltage at the inverting input of the op
amp accurately represents the voltage at the top (or bottom)
of the ladder. The op amp drives the FORCE input and
forces the voltage at the ends of the ladder to equal the volt-
age at the op amps’s non-inverting input, plus or minus its in-
put offset voltage. For this reason op amps with low V
OS,
such as the LMC6081, should be used for this application.
When used in this configuration, the ADC12762 has less
than 4 LSBs of offset and gain error without any user adjust-
ments.
The 0.1 µF and 10 µF capacitors on the force inputs provide
high frequency decoupling of the reference ladder. The 500
Ω
force resistors isolate the op amps from this large capacitive
load. The 0.01 µF/1 k
Ω network provides zero phase shift at
high frequencies to ensure stability. Note that the positive op
amp supply voltage must be at least 2.5V above the refer-
ence voltage and that a negative op amp supply is needed to
supply the sub-zero voltage to the V
REF− (FORCE) pin. The
V
REF/16 output should be bypassed to analog ground with a
0.1 µF ceramic capacitor.
The reference inputs are fully differential and define the zero
to full-scale range of the input signal. They can be configured
to span up to 5V (V
REF− = 0V, VREF+ = 5V), or they can be
connected to different voltages (within the 0V to 5V limits)
when other input spans are required. The ADC12762 is
tested at V
REF− (SENSE) = 0V, VREF+ (SENSE) = 4.096V. Re-
ducing the reference voltage span to less than 4V increases
the sensitivity (reduces the LSB size) of the converter; how-
ever noise performance degrades when lower reference
voltages are used. A plot of dynamic performance vs refer-
ence voltage is given in the Typical Performance Character-
istics section.
If the converter will be used in an application where DC ac-
curacy is secondary to dynamic performance, then a simpler
reference circuit may suffice. The circuit shown in
Figure 11
will introduce several LSBs of offset and gain error, but INL,
DNL, and all dynamic specifications will be unaffected.
All bypass capacitors should be located as close to the
ADC12762 as possible to minimize noise on the reference
ladder. The V
REF/16 output should be bypassed to analog
ground with a 0.1 µF ceramic capacitor.
The LM4040 shunt voltage reference is available with a
4.096V output voltage. With initial accuracies as low as
± 0.1%, it makes an excellent reference for the ADC12762.
DS012811-33
FIGURE 10. Reference Ladder Force and Sense Inputs
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com