Electronic Components Datasheet Search
  English  ▼

X  

MB9AAA0N Datasheet(PDF) 36 Page - SPANSION

Part # MB9AAA0N
Description  The MB9AAA0N Series are highly integrated
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AAA0N Datasheet(HTML) 36 Page - SPANSION

Back Button MB9AAA0N Datasheet HTML 32Page - SPANSION MB9AAA0N Datasheet HTML 33Page - SPANSION MB9AAA0N Datasheet HTML 34Page - SPANSION MB9AAA0N Datasheet HTML 35Page - SPANSION MB9AAA0N Datasheet HTML 36Page - SPANSION MB9AAA0N Datasheet HTML 37Page - SPANSION MB9AAA0N Datasheet HTML 38Page - SPANSION MB9AAA0N Datasheet HTML 39Page - SPANSION MB9AAA0N Datasheet HTML 40Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 109 page
background image
D a t a S h e e t
June 30, 2015, MB9AAA0N_DS706-00067-2v0-E
33
CONFIDENTIAL
Pin
function
Pin name
Function description
Pin No
LQFP-
64
LQFP-
80
LQFP-
100
QFP-
100
Reset
INITX
External Reset Input Pin.
A reset is valid when INITX = L.
21
28
38
16
Mode
MD0
Mode 0 pin.
During normal operation, MD0 = L
must be input.
During serial programming to Flash
memory, MD0 = H must be input.
29
37
47
25
MD1
Mode 1 pin.
During normal operation, input is not
needed.
During serial programming to Flash
memory, MD1 = L must be input.
28
36
46
24
Power
VCC
Power supply pin
1
1
1
79
VCC
-
-
26
4
VCC
18
25
35
13
VCC
33
41
51
29
VCC
-
-
76
54
GND
VSS
GND pin
16
20
25
3
VSS
-
24
34
12
VSS
32
40
50
28
VSS
-
-
75
53
VSS
64
80
100
78
Clock
X0
Main clock (oscillation) input pin
30
38
48
26
X0A
Sub clock (oscillation) input pin
19
26
36
14
X1
Main clock (oscillation) I/O pin
31
39
49
27
X1A
Sub clock (oscillation) I/O pin
20
27
37
15
CROUT_0
Built-in High-speed CR-osc clock
output port
-
60
74
52
CROUT_1
57
72
92
70
Analog
Power
AVCC
A/D converter and D/A converter
analog power supply pin
41
50
60
38
AVRH
A/D converter analog reference voltage
input pin
42
51
61
39
Analog
GND
AVSS
A/D converter and D/A converter
GND pin
43
52
62
40
C pin
C
Power supply stabilization capacity pin
17
23
33
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com