Electronic Components Datasheet Search
  English  ▼

X  

MB9AAA0N Datasheet(PDF) 88 Page - SPANSION

Part # MB9AAA0N
Description  The MB9AAA0N Series are highly integrated
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AAA0N Datasheet(HTML) 88 Page - SPANSION

Back Button MB9AAA0N Datasheet HTML 84Page - SPANSION MB9AAA0N Datasheet HTML 85Page - SPANSION MB9AAA0N Datasheet HTML 86Page - SPANSION MB9AAA0N Datasheet HTML 87Page - SPANSION MB9AAA0N Datasheet HTML 88Page - SPANSION MB9AAA0N Datasheet HTML 89Page - SPANSION MB9AAA0N Datasheet HTML 90Page - SPANSION MB9AAA0N Datasheet HTML 91Page - SPANSION MB9AAA0N Datasheet HTML 92Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 109 page
background image
D a t a S h e e t
June 30, 2015, MB9AAA0N_DS706-00067-2v0-E
85
CONFIDENTIAL
5.
12-bit A/D Converter
 Electrical Characteristics for the A/D Converter
(VCC = AVCC = 1.8V to 5.5V, VSS = AVSS = 0V, TA = - 40C to + 85C)
Parameter
Symbol
Pin
name
Value
Unit
Remarks
Min
Typ
Max
Resolution
-
-
-
-
12
bit
Integral Nonlinearity
INL
-
-
± 2.5
± 3.0
LSB
AVCC ≥ 2.7 V
-
± 3.5
± 4.0
LSB
AVCC < 2.7 V
Differential Nonlinearity
DNL
-
-
± 1.8
± 1.9
LSB
AVCC ≥ 2.7 V
-
± 2.7
± 2.9
LSB
AVCC < 2.7 V
Zero transition voltage
VZT
ANxx
-
± 9
± 20
mV
Full-scale transition voltage
VFST
ANxx
-
AVRH ± 9 AVRH ± 20 mV
Conversion time*
1
-
-
1.0
-
-
μs
AVCC ≥ 2.7 V
4.0
AVCC < 2.7 V
Sampling time*
2
tS
-
0.3
-
10
μs
AVCC ≥ 2.7 V
1.2
AVCC < 2.7 V
Compare clock cycle*
3
tCCK
-
50
-
1000
ns
AVCC ≥ 2.7 V
200
AVCC < 2.7 V
Period of operation enable
state transitions
tSTT
-
-
-
1
μs
Analog input capacity
CAIN
-
-
-
15
pF
Analog input resistor
RAIN
-
-
-
0.9
kΩ
AVCC ≥ 4.5 V
1.6
2.7 V ≤ AVCC < 4.5 V
4.0
AVCC < 2.7 V
Interchannel disparity
-
-
-
-
4
LSB
Analog port input leak
current
-
ANxx
-
-
0.3
μA
Analog input voltage
-
ANxx
AVSS
-
AVRH
V
Reference voltage
-
AVRH
2.7
-
AVCC
V
AVCC ≥ 2.7 V
AVCC
AVCC < 2.7 V
*1: The conversion time is the value of sampling time (tS) + compare time (tC).
The condition of the minimum conversion time is the following.
AVCC ≥ 2.7 V, HCLK=20 MHz sampling time: 0.3 μs, compare time: 0.7 μs
AVCC < 2.7 V, HCLK=20 MHz sampling time: 1.2 μs, compare time: 2.8 μs
Ensure that it satisfies the value of the sampling time (tS) and compare clock cycle (tCCK).
For setting*
4 of the sampling time and compare clock cycle, see Chapter 1-1: A/D Converter in FM3 Family
Peripheral Manual Analog Macro Part.
The register settings of the A/D Converter are reflected in the operation according to the APB bus clock
timing.
For the number of the APB bus to which the A/D Converter is connected, see Block Diagram.
The Base clock (HCLK) is used to generate the sampling time and the compare clock cycle.
*2: A necessary sampling time changes by external impedance.
Ensure to set the sampling time to satisfy (Equation 1).
*3: The compare time (tC) is the value of (Equation 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com