Electronic Components Datasheet Search
  English  ▼

X  

MB9AAA0N Datasheet(PDF) 64 Page - SPANSION

Part # MB9AAA0N
Description  The MB9AAA0N Series are highly integrated
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AAA0N Datasheet(HTML) 64 Page - SPANSION

Back Button MB9AAA0N Datasheet HTML 60Page - SPANSION MB9AAA0N Datasheet HTML 61Page - SPANSION MB9AAA0N Datasheet HTML 62Page - SPANSION MB9AAA0N Datasheet HTML 63Page - SPANSION MB9AAA0N Datasheet HTML 64Page - SPANSION MB9AAA0N Datasheet HTML 65Page - SPANSION MB9AAA0N Datasheet HTML 66Page - SPANSION MB9AAA0N Datasheet HTML 67Page - SPANSION MB9AAA0N Datasheet HTML 68Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 109 page
background image
D a t a S h e e t
June 30, 2015, MB9AAA0N_DS706-00067-2v0-E
61
CONFIDENTIAL
Function
group
Power-on
reset or
low-voltage
detection
state
INITX input
state
Device
internal
reset state
Run mode
or Sleep
mode state
Timer mode,
RTC mode, or
Stop mode state
Deep Standby RTC
mode or Deep Standby
Stop mode state
Return
from Deep
Standby
mode state
Power
supply
unstable
Power supply stable
Power
supply
stable
Power supply stable
Power supply stable
Power
supply
stable
-
INITX = 0
INITX = 1
INITX = 1
INITX = 1
INITX = 1
INITX = 1
-
-
-
-
SPL = 0
SPL = 1
SPL = 0
SPL = 1
-
Y
Analog
output
selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
*3
*4
GPIO
selected
Internal
input fixed
at 0
Hi-Z /
Internal
input fixed
at 0
GPIO
selected
External
interrupt
enabled
selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Resource
other than
above
selected
Hi-Z
Hi-Z /
Input
enabled
Hi-Z /
Input
enabled
Hi-Z /
Internal
input fixed
at 0
GPIO
selected
Output
maintains
previous
state /
Internal
input fixed
at 0
Maintain
previous
state
Z
Analog
output
selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
*3
*4
GPIO
selected
Internal
input fixed
at 0
Hi-Z /
Internal
input fixed
at 0
GPIO
selected
Resource
other than
above
selected
Hi-Z
Hi-Z /
Input
enabled
Hi-Z /
Input
enabled
Maintain
previous
state
Hi-Z /
Internal
input fixed
at 0
GPIO
selected
Output
maintains
previous
state /
Internal
input fixed
at 0
Maintain
previous
state
*1: Oscillation is stopped at Sub Run mode, Low-speed CR Run mode, Sub Sleep mode, Low-speed CR Sleep
mode, Sub Timer mode, Low-speed CR Timer mode, RTC mode, Stop mode, Deep Standby RTC mode, and
Deep Standby Stop mode.
*2: Oscillation is stopped at Stop mode and Deep Standby Stop mode.
*3: Maintain previous state at Timer mode. GPIO selected Internal input fixed at 0 at RTC mode, Stop mode.
*4: Maintain previous state at Timer mode. Hi-Z/Internal input fixed at 0 at RTC mode, Stop mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com