Electronic Components Datasheet Search
  English  ▼

X  

MB9AAA0N Datasheet(PDF) 92 Page - SPANSION

Part # MB9AAA0N
Description  The MB9AAA0N Series are highly integrated
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AAA0N Datasheet(HTML) 92 Page - SPANSION

Back Button MB9AAA0N Datasheet HTML 88Page - SPANSION MB9AAA0N Datasheet HTML 89Page - SPANSION MB9AAA0N Datasheet HTML 90Page - SPANSION MB9AAA0N Datasheet HTML 91Page - SPANSION MB9AAA0N Datasheet HTML 92Page - SPANSION MB9AAA0N Datasheet HTML 93Page - SPANSION MB9AAA0N Datasheet HTML 94Page - SPANSION MB9AAA0N Datasheet HTML 95Page - SPANSION MB9AAA0N Datasheet HTML 96Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 109 page
background image
D a t a S h e e t
June 30, 2015, MB9AAA0N_DS706-00067-2v0-E
89
CONFIDENTIAL
7.
Low-Voltage Detection Characteristics
(1) Low-Voltage Detection Reset
(TA = - 40C to + 85C)
Parameter
Symbol
Conditions
Value
Unit
Remarks
Min
Typ
Max
Detected voltage
VDLR
SVHR = 0001
1.43
1.53
1.63
V
When voltage drops
Released voltage
VDHR
1.53
1.63
1.73
V
When voltage rises
Detected voltage
VDLR
SVHR = 0100
1.80
1.93
2.06
V
When voltage drops
Released voltage
VDHR
1.90
2.03
2.16
V
When voltage rises
LVD stabilization
wait time
tLVDRW
-
-
-
633 ×
tCYCP *
μs
Detection delay time
tLVDRD
dV/dt ≥ -4mV/μs
-
-
60
μs
*: tCYCP indicates the APB2 bus clock cycle time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com